Electronic Components Datasheet Search
  English  ▼

X  

UPS5817E3 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UPS5817E3
Description  POWERMITE 1??SURFACE MOUNT 1 AMP 20 and 40 V SCHOTTKY RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS5817E3 Datasheet(HTML) 2 Page - Microsemi Corporation

  UPS5817E3 Datasheet HTML 1Page - Microsemi Corporation UPS5817E3 Datasheet HTML 2Page - Microsemi Corporation UPS5817E3 Datasheet HTML 3Page - Microsemi Corporation UPS5817E3 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
POWERMITE 1™ SURFACE MOUNT
1 AMP 20 and 40 V SCHOTTKY RECTIFIERS
S C O T TS DALE DIVISION
UPS5817e3 and UPS5819e3
ELECTRICAL CHARACTERISTICS (TA=25oC unless noted)
Working
Peak
Reverse
Voltage
Maximum Forward Voltage
Maximum
Reverse Current
IR @ VRWM
Typical Junction
Capacitance @
VR = 5.0 V
VRWM
VF @
0.1A
VF @
1A
VF @ 3A
IR
CJ
Part
Number
Volts
Volts
Volts
Volts
mA
pF
UPS5817e3
20
0.36
0.45
0.65
1
105
UPS5819e3
40
0.39
0.55
0.85
1
60
CHARTS AND GRAPHS
Microsemi
Scottsdale Division
Page 2
Copyright
© 2007
10-15-2007 REV D
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com