Electronic Components Datasheet Search
  English  ▼

X  

MAX706 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX706
Description  Low-Cost, μP Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX706 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX706 Datasheet HTML 1Page - Maxim Integrated Products MAX706 Datasheet HTML 2Page - Maxim Integrated Products MAX706 Datasheet HTML 3Page - Maxim Integrated Products MAX706 Datasheet HTML 4Page - Maxim Integrated Products MAX706 Datasheet HTML 5Page - Maxim Integrated Products MAX706 Datasheet HTML 6Page - Maxim Integrated Products MAX706 Datasheet HTML 7Page - Maxim Integrated Products MAX706 Datasheet HTML 8Page - Maxim Integrated Products MAX706 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Cost, µP Supervisory Circuits
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 4.75V to 5.5V for MAX705/MAX707/MAX813L, VCC = 4.5V to 5.5V for MAX706/MAX708, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
0.8
V
2.0
MR Pull-Up Current
MR = 0V
100
250
600
µA
MR Pulse Width
tMR
150
ns
Low
High
MR Input Threshold
MR to Reset Out Delay (Note 2)
tMD
250
ns
PFI Input Threshold
VCC = 5V
1.20
1.25
1.30
V
PFI Input Current
-25.00
+0.01
+25.00
nA
PFO Output Voltage
ISOURCE = 800µA
VCC - 1.5
V
ISINK = 3.2mA
0.4
Note 2: Applies to both RESET in the MAX705–MAX708 and RESET in the MAX707/MAX708/MAX813L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com