Electronic Components Datasheet Search
  English  ▼

X  

MAX706 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX706
Description  Low-Cost, μP Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX706 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX706 Datasheet HTML 1Page - Maxim Integrated Products MAX706 Datasheet HTML 2Page - Maxim Integrated Products MAX706 Datasheet HTML 3Page - Maxim Integrated Products MAX706 Datasheet HTML 4Page - Maxim Integrated Products MAX706 Datasheet HTML 5Page - Maxim Integrated Products MAX706 Datasheet HTML 6Page - Maxim Integrated Products MAX706 Datasheet HTML 7Page - Maxim Integrated Products MAX706 Datasheet HTML 8Page - Maxim Integrated Products MAX706 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Cost, µP Supervisory Circuits
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
MAX707/MAX708/MAX813L
RESET OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
500ms/div
VCC
0V
RESET
0V
+5V
+5V
TA = +25
°C
GND
RESET
VCC
330pF 10k
Ω
MAX813L
RESET RESPONSE TIME
2
µs/div
+5V
VCC
0V
0V
+4V
+4V
GND
RESET
VCC
330pF 10k
Ω
MAX705/MAX707
RESET OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
500ms/div
VCC
0V
RESET
0V
+5V
+5V
VCC
GND
RESET
VCC
2k
Ω
RESET
330pF
TA = +25
°C
MAX705/MAX707
RESET RESPONSE TIME
2
µs/div
VCC
+5V
RESET
+5V
+4V
0V
TA = +25
°C
VCC
GND
RESET
VCC
10k
Ω
RESET
30pF
POWER-FAIL COMPARATOR
DE-ASSERTION RESPONSE TIME
400ns/div
PFI
+1.20V
PFO
0V
+3V
+1.30V
VCC = +5V
TA = +25
°C
+5V
PFO
30pF
1k
Ω
+1.25V
PFI
POWER-FAIL COMPARATOR
ASSERTION RESPONSE TIME
400ns/div
PFI
+1.30V
PFO
+5V
0V
+1.20V
+5V
PFO
30pF
1k
Ω
+1.25V
PFI
VCC = +5V
TA = +25
°C
MAX707
RESET, RESET ASSERTION
400ns/div
0V
+5V
RESET
RESET
VCC = VRT
TA = +25
°C
+5V
0V
VCC
GND
RESET
10k
Ω
330pF
RESET
10k
Ω
330pF
MAX707
RESET, RESET DE-ASSERTION
400ns/div
0V
+5V
RESET
RESET
VCC = VRT
TA = +25
°C
+5V
0V
VCC
GND
RESET
RESET
10k
Ω
330pF
10k
Ω
330pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com