Electronic Components Datasheet Search
  English  ▼

X  

MAX3111ECWI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX3111ECWI
Description  SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3111ECWI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX3111ECWI Datasheet HTML 9Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 10Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 11Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 12Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 13Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 14Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 15Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 16Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
SPI/MICROWIRE-Compatible UART and ±15kV ESD-
Protected RS-232 Transceivers with Internal Capacitors
______________________________________________________________________________________
13
Table 1. Bit Descriptions
0
PE
POR
STATE
write
Parity-Enable Bit. Appends the Pt bit to the transmitted data when PE = 1, and sends the Pt bit
as written. No parity bit is transmitted when PE = 0. With PE = 1, an extra bit is expected to be
received. This data is put into the Pr register. Pr = 0 when PE = 0. The MAX3110E/MAX3111E
do not calculate parity.
0
PE
read
Reads the value of the Parity-Enable bit.
0
PM
write
Mask for Pr bit. IRQ is asserted if PM = 1 and Pr = 1 (Table 7).
DESCRIPTION
0000
0000
X
Pr
read
Receive-Parity Bit. This bit is the extra bit received if PE = 1. Therefore, PE = 1 results in 9-bit
transmissions (L = 0). If PE = 0, then Pr is set to 0. Pr is stored in the FIFO with the receive data
(see the
9-Bit Networks section).
0
0
IR
read
Reads the value of the IR bit.
L
BIT
TYPE
write
B0–B3
write
Baud-Rate Divisor Select Bits. Sets the baud clock’s value (Table 6).
B0–B3
read
Baud-Rate Divisor Select Bits. Reads the 4-bit baud clock value assigned to these registers.
BIT
NAME
Bit to set the word length of the transmitted or received data. L = 0 results in 8-bit words
(9-bit words if PE = 1) (see Figure 5). L = 1 results in 7-bit words (8-bit words if PE = 1).
0
X
L
read
Reads the value of the L bit.
Pt
write
Transmit-Parity Bit. This bit is treated as an extra bit that is transmitted if PE = 1. In 9-bit net-
works, the MAX3110E/MAX3111E do not calculate parity. If PE = 0, then this bit (Pt) is ignored
in transmit mode (see the
9-Bit Networks section).
00000000
0
D0r–D7r
read
Eight data bits read from the receive FIFO or the receive-buffer register. When L = 1, D7r is
always 0.
FEN
write
FIFO Enable. Enables the receive FIFO when FEN = 0. When FEN = 1, FIFO is disabled.
0
0
FEN
read
FIFO-Enable Readback. FEN’s state is read.
IR
write
Enables the IrDA timing mode when IR = 1.
No
change
XXXXXXXX
CTS
read
Clear-to-Send-Input. Records the state of the CTS pin (CTS bit = 0 implies CTS pin = logic
high).
D0t–D7t
write
Transmit-Buffer Register. Eight data bits written into the transmit-buffer register. D7t is ignored
when L = 1.
0
PM
read
Reads the value of the PM bit (Table 7).
0
R
read
Receive Bit or FIFO Not Empty Flag. R = 1 means new data is available to be read or is being
read from the receive register or FIFO. If performing a Read Data or Write Data operation, the R
bit will clear on the falling edge of SCLK's 16th pulse if no new data is available.
0
RM
write
Mask for R bit. IRQ is asserted if RM = 1 and R = 1 (Table 7).
0
RM
read
Reads the value of the RM bit (Table 7).
0
RAM
write
Mask for RA/FE bit. IRQ is asserted if RAM = 1 and RA/FE = 1 (Table 7).
0
RAM
read
Reads the value of the RAM bit (Table 7).
0
RTS
write
Request-to-Send Bit. Controls the state of the RTS output. This bit is reset on power-up (RTS
bit = 0 sets the RTS pin = logic high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com