Electronic Components Datasheet Search
  English  ▼

X  

MAX3111ECWI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3111ECWI
Description  SPI/MICROWIRE-Compatible UART and 짹15kV ESDProtected RS-232 Transceivers with Internal Capacitors
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3111ECWI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3111ECWI Datasheet HTML 1Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 2Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 3Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 4Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 5Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 6Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 7Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 8Page - Maxim Integrated Products MAX3111ECWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
±25
SPI/MICROWIRE-Compatible UART and ±15kV ESD-
Protected RS-232 Transceivers with Internal Capacitors
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX3110E (continued)
(VCC = +4.5V to +5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are measured for baud rate set to 9600baud at
VCC = +5V, TA = +25°C.) (Note 2)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
mV
500
VHYST4
Input Hysteresis
V
0.8
VIL4
Input Low Voltage
V
2.4
VIH4
Input High Voltage
TA = +25°C
k
Ω
35
7
RIN
Input Resistance
TA = +25°C, VCC = 5V
TA = +25°C, VCC = 5V
V
-25
+25
Input Voltage Range
0.9
ISINK = 25mA; TX only
Output Low Voltage
VOL2
0.4
V
ISINK = 4mA; DOUT, RTS
VCC - 0.5
ISOURCE = 10mA; TX only
±8
kV
IEC 1000-4-2 Contact Discharge
±15
IEC 1000-4-2 Air Discharge
SCLK Fall to DOUT Valid
tDO
100
ns
CLOAD = 100pF
CS to SCLK Hold Time
tCSH
0
ns
Output Low Voltage
VOL1
0.4
V
Output High Voltage
VOH1
VCC - 0.6
V
±0.05
±10
µA
Output Voltage Swing
5
±5.4
V
Output Resistance
RO
300
10M
Ω
Output Short-Circuit Current
±60
mA
Output Leakage Current
ILKG2
±25
µA
ESD Protection
±15
Output Leakage Current
ILKG3
±1
µA
Output High Voltage
VOH2
VCC - 0.5
V
Output Capacitance
COUT1
5
pF
Output Leakage Current
ILKG4
±1
µA
Output Low Voltage
VOL3
0.4
V
Output Capacitance
COUT2
5
pF
CS Low to DOUT Valid
tDV
100
ns
CS High to DOUT Tri-State
tTR
100
ns
CS to SCLK Setup Time
tCSS
100
ns
DOUT only, CS = VCC
ISINK = 1.6mA
ISOURCE = 1mA
3k
Ω load on all transmitter outputs
VCC = V+ = V- = 0, VOUT = ±2V
ISOURCE = 5mA; DOUT, RTS
VCC = 0 or 5.5V, VOUT = ±12V,
transmitters disabled
V IRQ = 5.5V
ISINK = 4mA
Human Body Model
CLOAD = 100pF
CLOAD = 100pF, R CS = 10k
Ω
RS-232 RECEIVER INPUTS (R_IN)
RS-232 ESD PROTECTION (R_IN, T_OUT)
RS-232 RECEIVER OUTPUTS (R_OUT)
RS-232 TRANSMITTER OUTPUTS (T_OUT)
UART OUTPUTS (DOUT, TX, RTS)
UART IRQ OUTPUTS (IRQ = open drain)
UART AC TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com