Electronic Components Datasheet Search
  English  ▼

X  

WM2331 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM2331
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM2331 Datasheet HTML 13Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 14Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 15Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 16Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 17Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 18Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 19Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 20Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Production Data
WM2331
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
17
Figure 19 shows an example register write cycle where the clamp DAC code is set to 199 (hex) by
writing to clamp registers 1 and 2 (see ‘Digital Control Registers’, below). Pins DIO0 to DIO7 are
driven to the clamp DAC code lower byte (0F hex) and pins DIO8 and DIO9 are both driven to 0 to
select clamp register 1 as the data destination. The clamp low-byte data is then loaded into this
register by pulsing WR high. The top 2 bits of the DAC word are then loaded by driving 01(hex) on
pins DIO0 to DIO7 and by driving pin DIO8 to 1 and pin DIO9 to 0 to select clamp register 2 as the
data destination. WR is pulsed a second time to latch this second control word into clamp register 2.
NOE
WR
DIO[9:0]
OUTPUT
OUTPUT
INPUT 099
INPUT 101
Load 99 hex into
register 0
Load 01 hex into
register 1
Figure 19 Example Register Write Cycle to Clamp DAC Register
DIGITAL CONTROL REGISTERS
The WM2331 contains two clamp registers and a control register for user programming. Binary data
can be written into these registers using pins DIO0 to DIO9 and the WR and OEB pins (see the
previous section). In input mode, DIO9 and DIO8 are address bits and the remaining DIO pins are
data bits.
DATA BITS DIO[7:0]
ADDRESS
DIO[9:8]
DESCRIPTION
DEFAULT
(HEX)
READ/
WRITE
DIO7
DIO6
DIO5
DIO4
DIO3
DIO2
DIO1
DIO0
00
Clamp Reg. 1
00
RW
DAC[7]
DAC[6] DAC[5]
DAC[4]
DAC[3]
DAC[2] DAC[1] DAC[0]
01
Clamp Reg. 2
00
RW
DAC[9] DAC[8]
10
Control Reg.
01
RW
CLDIS TWOC
CLINT
PDWN
PGA[2] PGA[1] PGA[0]
11
Reserved
Table 3 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com