Electronic Components Datasheet Search
  English  ▼

X  

WM2331 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM2331
Description  10-bit 30MSPS ADC with PGA and Clamp
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2331 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM2331 Datasheet HTML 17Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 18Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 19Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 20Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 21Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 22Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 23Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 24Page - Wolfson Microelectronics plc WM2331 Datasheet HTML 25Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
WM2331
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.4 April 2001
24
REFERENCE DECOUPLING
VREF PIN
When the on-chip reference generator is enabled, the VREF pin should be decoupled to the circuit
board’s analogue ground plane close to the WM2331 AGND pin via a 1
µF tantalum capacitor and a
0.1
µF ceramic capacitor.
REFTF AND REFBF PINS
In any mode of operation, the REFTF and REFBF pins should be decoupled as shown in Figure 28
below. Use short board traces between the WM2331 and the capacitors to minimise parasitic
inductance.
WM2331
REFTF
REFBF
0.1µF
0.1µF
0.1µF
10µF
Figure 28 Recommended Decoupling for the ADC Reference Pins REFTF and REFBF
SUPPLY DECOUPLING
The analogue (AVDD, AGND) and digital (DVDD, DGND) power supplies to the WM2331 should be
separately decoupled for best performance. Each supply needs at least a 10
µF electrolytic or
tantalum capacitor (as a charge reservoir) and a 100nF ceramic type capacitor placed as close as
possible to the respective pins (to suppress spikes and supply noise).
DIGITAL OUTPUT LOADING AND CIRCUIT BOARD LAYOUT
The WM2331 outputs are capable of driving rail-to-rail with up to 20pF of load per pin at 30MHz clock
and 3V digital supply. Minimising the load on the outputs will improve WM2331 signal-to-noise
performance by reducing the switching noise coupling from the WM2331 output buffers to the internal
analogue circuits. The output load capacitance can be minimised by buffering the WM2331 digital
outputs with a low input capacitance buffer placed as close to the output pins as physically possible,
and by using the shortest possible tracks between the WM2331 and this buffer.
Noise levels at the output buffers, which may affect the analogue circuits within WM2331, increase
with the digital supply voltage. Where possible, consider using the lowest DVDD that the application
can tolerate.
Use good layout practices when designing the application PCB to ensure that any off-chip return
currents from the WM2331 digital outputs (and any other digital circuits on the PCB) do not return via
the supplies to any sensitive analogue circuits. The WM2331 should be soldered directly to the PCB
for best performance. Socketing the device will degrade performance by adding parasitic socket
inductance and capacitance to all pins.
USER TIPS FOR OBTAINING BEST PERFORMANCE FROM THE WM2331
•
Choose differential input mode for best distortion performance.
•
Choose a 2V ADC input span for best noise performance.
•
Choose a 1V ADC input span for best distortion performance.
•
Drive the clock input CLK from a low-jitter, fast logic stage, with a well-decoupled
power supply and short PCB traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com