Electronic Components Datasheet Search
  English  ▼

X  

WM2604 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM2604
Description  Quad 10-Bit Serial Input Voltage Output DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2604 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM2604 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
WM2604
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 June 99
5
Test Conditions:
RL = 10k
Ω, C
L = 100pF. AVDD = DVDD = 5V
±± 10%, V
REF = 2.048V and AVDD = DVDD = 3V
±± 10%, V
REF = 1.024V over
recommended operating free-air temperature range (unless noted otherwise).
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference
Reference input resistance
RREFIN
10
M
Ω
Reference input capacitance
CREFIN
5
pF
Reference feedthrough
VREF = 1VPP at 1kHz
+ 1.024V dc, DAC code 0
-75
dB
Reference input bandwidth
VREF = 0.2VPP + 1.024V dc
DAC code 512
Slow
Fast
0.5
1
MHz
MHz
Digital Inputs
High level input current
IIH
Input voltage = DVDD
1
µA
Low level input current
IIL
Input voltage = 0V
-1
µA
Input capacitance
CI
3
pF
Notes:
1.
Integral non-linearity (INL) is the maximum deviation of the output from the line between zero and full scale (excluding the effects of
zero code and full scale errors).
2.
Differential non-linearity (DNL) is the difference between the measured and ideal 1LSB amplitude change of any adjacent two codes. A
guarantee of monotonicity means the output voltage changes in the same direction (or remains constant) as a change in digital input code.
3.
Zero code error is the voltage output when the DAC input code is zero.
4.
Gain error is the deviation from the ideal full scale output excluding the effects of zero code error.
5.
Power supply rejection ratio is measured by varying AVDD from 4.5V to 5.5V and measuring the proportion of this signal imposed on
the zero code error and the gain error.
6.
Zero code error and Gain error temperature coefficients are normalised to full scale voltage.
7.
Output load regulation is the difference between the output voltage at full scale with a 10k
Ω load and 2kΩ load. It is expressed as a
percentage of the full scale output voltage with a 10k
Ω load.
8.
IDD is measured while continuously writing code 512 to the DAC. For VIH < DVDD - 0.7V and VIL > 0.7V supply current will increase.
9.
Typical supply current in power down mode is 10nA. Production test limits are wider for speed of test.
10. Slew rate results are for the lower value of the rising and falling edge slew rates.
11. Settling time is the time taken for the signal to settle to within 0.5LSB of the final measured value for both rising and falling edges. Limits
are ensured by design and characterisation, but are not production tested.
12. SNR, SNRD, THD and SPFDR are measured on a synthesised sinewave at frequency fOUT generated with a sampling frequency fs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com