Electronic Components Datasheet Search
  English  ▼

X  

WM2604 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM2604
Description  Quad 10-Bit Serial Input Voltage Output DAC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2604 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM2604 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2604 Datasheet HTML 10Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
WM2604
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.0 June 1999
10
PACKAGE DIMENSIONS
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS.
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM.
D. MEETS JEDEC.95 MO-153, VARIATION = AB. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
DM013.A
DT: 16 PIN TSSOP (5.0 x 4.4 x 1.0 mm)
Symbols
Dimensions
(mm)
MIN
NOM
MAX
A
-----
-----
1.20
A1
0.05
-----
0.15
A2
0.80
1.00
1.05
b
0.19
-----
0.30
c
0.09
-----
0.20
D
4.90
5.00
5.10
e
0.65 BSC
E
6.4 BSC
E1
4.30
4.40
4.50
L
0.45
0.60
0.75
θθ
0
o
-----
8
o
REF:
JEDEC.95, MO-153
A
A2
A1
SEATING PLANE
-C-
0.05 C
θθ
c
L
GAUGE
PLANE
0.25
8
1
D
9
16
E1
E
e
b



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com