Electronic Components Datasheet Search
  English  ▼

X  

BU9796FS Datasheet(PDF) 4 Page - Rohm

Part # BU9796FS
Description  LCD Segment Driver series 80-segment Drivers (20SEG횞4COM)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9796FS Datasheet(HTML) 4 Page - Rohm

  BU9796FS Datasheet HTML 1Page - Rohm BU9796FS Datasheet HTML 2Page - Rohm BU9796FS Datasheet HTML 3Page - Rohm BU9796FS Datasheet HTML 4Page - Rohm BU9796FS Datasheet HTML 5Page - Rohm BU9796FS Datasheet HTML 6Page - Rohm BU9796FS Datasheet HTML 7Page - Rohm BU9796FS Datasheet HTML 8Page - Rohm BU9796FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Technical Note
4/11
BU9796FS
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
● Command Description
D7 (MSB) is bit for command or data judgment.
Refer to Command and data transfer method.
C: 0: Next byte is RAM write data.
1: Next byte is command.
○ Display control (DISCTL)
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
C
0
1
P4
P3
P2
P1
P0
Set Power save mode FR
Setup
P4
P3
Reset initialize condition
Normal mode
0
0
○
Power save mode1
0
1
Power save mode2
1
0
Power save mode3
1
1
Set LCD drive waveform
Setup
P2
Reset initialize condition
Line inversion
0
○
Frame inversion
1
Set Power save mode SR
Setup
P1
P0
Reset initialize condition
Power save mode1
0
0
Power save mode2
0
1
Normal mode
1
0
○
High power mode
1
1
* Please keep condition VDD-VLCD≧3.0V in High power mode.
○ Mode Set (MODE SET)
MSB
D7
D6
D5
D4
D3
D2
D1
LSB
D0
C
1
0
*
P3
P2
*
*
(*: Don’t Care)
Set display ON and OFF
Setup
P3
Reset initialize condition
Display OFF
0
○
Display ON
1
Set bias level
Setup
P3
Reset initialize condition
1/3 Bias
0
○
1/2 Bias
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com