Electronic Components Datasheet Search
  English  ▼

X  

NX2154CSTR Datasheet(PDF) 1 Page - Microsemi Corporation

Part # NX2154CSTR
Description  300kHz SYNCHRONOUS PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2154CSTR Datasheet(HTML) 1 Page - Microsemi Corporation

  NX2154CSTR Datasheet HTML 1Page - Microsemi Corporation NX2154CSTR Datasheet HTML 2Page - Microsemi Corporation NX2154CSTR Datasheet HTML 3Page - Microsemi Corporation NX2154CSTR Datasheet HTML 4Page - Microsemi Corporation NX2154CSTR Datasheet HTML 5Page - Microsemi Corporation NX2154CSTR Datasheet HTML 6Page - Microsemi Corporation NX2154CSTR Datasheet HTML 7Page - Microsemi Corporation NX2154CSTR Datasheet HTML 8Page - Microsemi Corporation NX2154CSTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
NX2154/2154A
1
Rev.1.2
02/26/07
TYPICAL APPLICATION
DESCRIPTION
n Bus voltage operation from 2V to 40V
n Fixed 300kHz voltage mode controller
n Internal Digital Soft Start Function
n Prebias Startup
n Less than 50 nS adaptive deadband
n Current limit triggers hiccup by sensing Rdson of
Synchronous MOSFET
n No negative spike at Vout during startup and
shutdown
n Pb-free and RoHS compliant
ORDERING INFORMATION
FEATURES
300kHz SYNCHRONOUS PWM CONTROLLER
APPLICATIONS
PRELIMINARY DATA SHEET
Evaluation board available.
Device
Temperature
Package
Frequency
OCP Threshold
Pb-Free
NX2154CSTR
0 to 70oC
SOIC-8L
300kHz
360mV
Yes
NX2154ACSTR
0 to 70o C
SOIC-8L
300kHz
540mV
Yes
Figure1 - Typical application of 2154
The NX2154/2154A controller IC is a synchronous Buck
controller IC designed for step down DC to DC con-
verter applications. It is optimized to convert bus volt-
ages from 2V to 40V to outputs as low as 0.8V voltage.
The NX2154/2154A operates at fixed 300kHz. The
NX2154/2154A employs fixed loss-less current limiting
by sensing the Rdson of synchronous MOSFET followed
by hiccup feature.NX2154A has higher current limit
threshold than NX2154. Feedback under voltage also
triggers hiccup.
Other features of the device are: 5V gate drive, Adaptive
deadband control, Internal digital soft start, Vcc
undervoltage lock out and shutdown capability via the
comp pin.
Pb Free Product
n Graphic Card on board converters
n Memory Vddq Supply in mother board applications
n On board DC to DC such as
5V to 3.3V, 2.5V or 1.8V
n Hard Disk Drive
n Set Top Box
+5V,3A
Vout
50ME180WX
6ME1000WG(1000uF,30mohm)
3
6
7
4
8
2
1
5
Gnd
Ldrv
Hdrv
SW
Comp
Fb
BST
Vcc
1uF
1uF
Vin
+33V
MBR0530T1
M1A STM6920
M1B
15uH
12nF
0.1uF
191
13.3k
1k
Vin
+5V
82pF
M3
HI=SD


Similar Part No. - NX2154CSTR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
NX2155HCUPTR MICROSEMI-NX2155HCUPTR Datasheet
770Kb / 17P
SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
NX2158 MICROSEMI-NX2158 Datasheet
124Kb / 5P
PWM BOOST CONTROLLER
NX2158CMTR MICROSEMI-NX2158CMTR Datasheet
124Kb / 5P
PWM BOOST CONTROLLER
More results

Similar Description - NX2154CSTR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
Wide Input, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Microsemi Corporation
NX2113 MICROSEMI-NX2113 Datasheet
724Kb / 19P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER WITH PROGRAMMABLE BUS UVLO
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
Sipex Corporation
SP6132H SIPEX-SP6132H_06 Datasheet
290Kb / 10P
High Voltage, 300KHz Synchronous PWM Controller
logo
Global Mixed-mode Techn...
G5001 GMT-G5001 Datasheet
106Kb / 2P
300kHz DC-DC Step-Down PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com