Electronic Components Datasheet Search
  English  ▼

X  

NX2154CSTR Datasheet(PDF) 12 Page - Microsemi Corporation

Part # NX2154CSTR
Description  300kHz SYNCHRONOUS PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2154CSTR Datasheet(HTML) 12 Page - Microsemi Corporation

Back Button NX2154CSTR Datasheet HTML 8Page - Microsemi Corporation NX2154CSTR Datasheet HTML 9Page - Microsemi Corporation NX2154CSTR Datasheet HTML 10Page - Microsemi Corporation NX2154CSTR Datasheet HTML 11Page - Microsemi Corporation NX2154CSTR Datasheet HTML 12Page - Microsemi Corporation NX2154CSTR Datasheet HTML 13Page - Microsemi Corporation NX2154CSTR Datasheet HTML 14Page - Microsemi Corporation NX2154CSTR Datasheet HTML 15Page - Microsemi Corporation NX2154CSTR Datasheet HTML 16Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
NX2154/2154A
12
Rev.1.2
02/26/07
4.Calculate R
3 value by the following equation.
OSC
O
OUT
3
in
ESR
m
REF
V2
F
LV
1
R=
V
R
gV
1.5V
2
30kHz 15uH1
=
33V
30m
2.0mA/V
5V
0.8V
=13.3k
×π ××
×
××
×π ××
××
Ω
×
Ω
Choose R
3 =13.3kΩ.
5. Calculate C
1 by setting compensator zero FZ
at 75% of the LC double pole.
1
3z
1
C =
2
RF
1
=
2
13.3k
0.75 1.3kHz
=12.2nF
×π ××
×π ×
Ω ××
Choose C
1=12nF.
6. Calculate C
2 by setting compensator pole
p
F
at half the swithing frequency.
2
3s
1
C =
RF
1
=
13 .3 k
300k Hz
=80pF
π ××
π ×
Ω×
Choose C
1=82pF.
Output Voltage Calculation
Output voltage is set by reference voltage and
external voltage divider. The reference voltage is fixed
at 0.8V. The divider consists of two ratioed resistors
so that the output voltage applied at the Fb pin is 0.8V
when the output voltage is at the desired value. The
following equation and picture show the relationship
between
OUT
V
,
REF
V
and voltage divider..
2
REF
1
OUT
REF
RV
R=
V
-V
×
...(18)
where R2 is part of the compensator, and the
value of R1 value can be set by voltage divider.
See compensator design for R
1 and R2 selection.
Vout
Vref
Fb
R2
R1
Voltage divider
Figure 8 - Voltage divider
Input Capacitor Selection
Input capacitors are usually a mix of high frequency
ceramic capacitors and bulk capacitors. Ceramic ca-
pacitors bypass the high frequency noise, and bulk ca-
pacitors supply switching current to the MOSFETs. Usu-
ally 1uF ceramic capacitor is chosen to decouple the
high frequency noise.The bulk input capacitors are de-
cided by voltage rating and RMS current rating. The RMS
current in the input capacitors can be calculated as:
RMS
OUT
OUT
IN
I
I
D
1-D
V
D
V
=
××
=
...(19)
VIN = 33V, VOUT=5V, IOUT=3A, using equation (19),
the result of input RMS current is 1.1A.
For higher efficiency, low ESR capacitors are rec-
ommended. One Sanyo electrolytic capacitor
50ME180WX 50V 180uF 46m
Ω with 1.19A RMS rating
is chosen as input bulk capacitors.
Power MOSFETs Selection
The power stage requires two N-Channel power
MOSFETs. The selection of MOSFETs is based on
maximum drain source voltage, gate source voltage,
maximum current rating, MOSFET on resistance and
power dissipation. The main consideration is the power
loss contribution of MOSFETs to the overall converter
efficiency. In this design example, two STM6920 are used.
They have the following parameters: V
DS=40V, ID
=7A,R
DSON =45mΩ,QGATE =8.7nC.
There are two factors causing the MOSFET power
loss:conduction loss, switching loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com