Electronic Components Datasheet Search
  English  ▼

X  

NX2154ACSTR Datasheet(PDF) 3 Page - Microsemi Corporation

Part # NX2154ACSTR
Description  300kHz SYNCHRONOUS PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2154ACSTR Datasheet(HTML) 3 Page - Microsemi Corporation

  NX2154ACSTR Datasheet HTML 1Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 2Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 3Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 4Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 5Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 6Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 7Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 8Page - Microsemi Corporation NX2154ACSTR Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NX2154/2154A
3
Rev.1.2
02/26/07
PARAMETER
SYM
Test Condition
Min
TYP
MAX
Units
SS
Soft Start time
Tss
Fsw=300Khz
3.4
1.7
mS
Oscillator (Rt)
Frequency
FS
300
kHz
Ramp-Amplitude Voltage
VRAMP
1.6
V
Max Duty Cycle
84
%
Min Duty Cycle
0
%
Error Amplifiers
Transconductance
2000
umho
Input Bias Current
Ib
10
nA
Comp SD Threshold
0.3
V
FBUVLO
Feedback UVLO threshold
percent of nominal
65
70
75
%
High Side Driver(CL=2200pF)
Output Impedance , Sourcing
Rsource(Hdrv)
I=200mA
1.9
ohm
Output Impedance , Sinking
Rsink(Hdrv)
I=200mA
1.7
ohm
Sourcing Current
Isource(Hdrv)
1
A
Sinking Current
Isink(Hdrv)
1.2
A
Rise Time
THdrv(Rise)
14
ns
Fall Time
THdrv(Fall)
17
ns
Deadband Time
Tdead(L to
H)
Ldrv going Low to Hdrv
going High, 10%-10%
30
ns
Low Side Driver (CL=2200pF)
Output Impedance, Sourcing
Current
Rsource(Ldrv)
I=200mA
1.9
ohm
Output Impedance, Sinking
Current
Rsink(Ldrv)
I=200mA
1
ohm
Sourcing Current
Isource(Ldrv)
1
A
Sinking Current
Isink(Ldrv)
2
A
Rise Time
TLdrv(Rise)
13
ns
Fall Time
TLdrv(Fall)
12
ns
OCP
NX2154
360
NX2154A
540
mV
OCP voltage
10
ns
Deadband Time
Tdead(H to
L)
SW going Low to Ldrv
going High, 10% to 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com