Electronic Components Datasheet Search
  English  ▼

X  

WM2632 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM2632
Description  Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2632 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM2632 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Production Data
WM2632
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 April 2001
5
Test Characteristics:
RL = 10k
Ω, CL = 100pF AVDD = DVDD = 5V ± 10%, VREF = 2.048V and AVDD = DVDD = 3V ± 10%, VREF = 1.024V over
recommended operating free-air temperature range (unless noted otherwise).
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Reference Configured as Input
Reference input resistance
RREF
50
k
Ω
Reference input capacitance
CREF
10
pF
Reference feedthrough
VREF=2VPP at 1kHz
+ 2.048V DC, DAC code 0
-84
dB
Reference input bandwidth
VREF= 0.4VPP + 2.048V DC,
DAC code 128
Slow
Fast
1.9
2.2
MHz
MHz
Reference Configured as Output
Low reference voltage
VREFOUTL
1.010
1.024
1.040
V
High reference voltage
VREFOUTH
VDD > 4.75V
2.020
2.048
2.096
V
Output source current
IREFSRC
1mA
Output sink current
IREFSNK
-1
mA
Load Capacitance
in parallel with 100nF cap.
1
10
µF
PSRR
60
dB
Digital Inputs
High level input current
IIH
Input voltage = DVDD
-1
1
µA
Low level input current
IIL
Input voltage = 0V
-1
1
µA
Input capacitance
CI
8pF
Notes:
1. Integral non-linearity (INL) is the maximum deviation of the output from the line between zero and full scale excluding
the effects of zero code and full scale errors).
2. Differential non-linearity (DNL) is the difference between the measured and ideal 1LSB amplitude change
of any adjacent two codes. A guarantee of monotonicity means the output voltage changes in the same
direction (or remains constant) as a change in digital input code.
3. Zero code error is the voltage output when the DAC input code is zero.
4. Gain error is the deviation from the ideal full-scale output excluding the effects of zero code error.
5. Power supply rejection ratio is measured by varying AVDD from 4.5V to 5.5V and measuring the
proportion of this signal imposed on the zero code error and the gain error.
6. Zero code error and Gain error temperature coefficients are normalised to full-scale voltage.
7. Output load regulation is the difference between the output voltage at full scale with a 10k
Ω load and 2kΩ
load. It is expressed as a percentage of the full scale output voltage with a 10k
Ω load.
8. IDD is measured while continuously writing a digital code of 128 to the DAC. For VIH < DVDD - 0.7V and VIL > 0.7V
supply current will increase.
9. Slew rate results are for the lower value of the rising and falling edge slew rates.
10. Settling time is the time taken for the signal to settle to within 0.5LSB of the final measured value for both rising and
falling edges. Limits are ensured by design and characterisation, but are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com