Electronic Components Datasheet Search
  English  ▼

X  

WM2632 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM2632
Description  Octal 8-bit, Serial Input, Voltage Output DAC with Internal Rererence
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2632 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM2632 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2632 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
WM2632
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 April 2001
6
SERIAL INTERFACE
X1
2
34
16
X
XD15
D14
D13
t
WL
D1
D0
X
SCLK
DIN
X
D15 *
D14 *
D13 *
D12 *
D1 *
D0 *
X
DOUT
2
t
WH
t
SUD
t
HD
No high to low transitions
t
SUC16-FS
t
WHFS
t
SUFSCLK
FS
(
µC MODE)
FS
(DSP MODE)
t
WLFS
* DIN data from previous word
(delayed by 16 clock cycles)
Figure 1 Timing Diagram
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
tSUFSCLK
Setup time, FS pin low before first falling edge of SCLK
8ns
tC16-FS
Setup time, 16
th falling clock edge after FS low to rising edge of FS
(only used in microcontroller mode)
10
ns
tWLOADB
Pulse duration, LOADB low
10
ns
tWH
Pulse duration, SCLK high
16
ns
tWL
Pulse duration, SCLK low
16
ns
tSUD
Setup time, data ready before SCLK falling edge
8ns
tHD
Hold time, data held valid after SCLK falling edge
5ns
tWHFS
Pulse duration, FS high
10
ns
tWLFS
Pulse duration, FS low
10
ns
ts
DAC Output settling time
see Dynamic DAC Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com