Electronic Components Datasheet Search
  English  ▼

X  

PD64001 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # PD64001
Description  1-Port PoE Manager
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD64001 Datasheet(HTML) 4 Page - Microsemi Corporation

  PD64001 Datasheet HTML 1Page - Microsemi Corporation PD64001 Datasheet HTML 2Page - Microsemi Corporation PD64001 Datasheet HTML 3Page - Microsemi Corporation PD64001 Datasheet HTML 4Page - Microsemi Corporation PD64001 Datasheet HTML 5Page - Microsemi Corporation PD64001 Datasheet HTML 6Page - Microsemi Corporation PD64001 Datasheet HTML 7Page - Microsemi Corporation PD64001 Datasheet HTML 8Page - Microsemi Corporation PD64001 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
P
PD
D6644000011//H
H 11--P
Poorrtt P
PooE
E M
Maannaaggeerr D
Daattaasshheeeett
C
C O
O M
M P
P A
A N
N Y
Y
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Copyright © 2009
Microsemi
Rev. 1.3 2009-02-23
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
4
Dynamic Characteristics
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Automatic recovery from
overload shutdown
TOVLREC value, measured from port
shutdown
(can be modified through control port)
8
s
Automatic recovery from no-
load shutdown
TUDLREC value, measured from port
shutdown
(can be modified through control port)
1
s
Thermal Data____________________________________________
Microsemi's PD64001/H enables building very low power dissipating PoE devices. For a single port, the system
worst case power dissipation can be calculated as follows.
Application
Disconnection
Method
Iport_max
Current
Rsense
(1Ω)
Diode
MOSFET
PoE
Manager
Total
EEE802.3af
DC
350 mA
0.12 W
-
0.012 W (0.1Ω)
0.60 W
0.73 W
EEE802.3af
AC
350 mA
0.12 W
0.53 W 0.012 W (0.1Ω)
0.60 W
1.26 W
EEE802.3at
DC
600 mA
0.36 W
-
0.036 W (0.1Ω)
0.60 W
1 W
EEE802.3at
AC
600 mA
0.36 W
0.9 W
0.036 W (0.1Ω)
0.60 W
1.9 W
EEE802.3at
DC
720 mA
0.52 W
-
0.052 W (0.1Ω)
0.60 W
1.17 W
EEE802.3at
AC
720 mA
0.52 W
1.1 W
0.052 W (0.1Ω)
0.60 W
2.27 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com