Electronic Components Datasheet Search
  English  ▼

X  

PD64001 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # PD64001
Description  1-Port PoE Manager
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD64001 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button PD64001 Datasheet HTML 3Page - Microsemi Corporation PD64001 Datasheet HTML 4Page - Microsemi Corporation PD64001 Datasheet HTML 5Page - Microsemi Corporation PD64001 Datasheet HTML 6Page - Microsemi Corporation PD64001 Datasheet HTML 7Page - Microsemi Corporation PD64001 Datasheet HTML 8Page - Microsemi Corporation PD64001 Datasheet HTML 9Page - Microsemi Corporation PD64001 Datasheet HTML 10Page - Microsemi Corporation PD64001 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
P
PD
D6644000011//H
H 11--P
Poorrtt P
PooE
E M
Maannaaggeerr D
Daattaasshheeeett
C
C O
O M
M P
P A
A N
N Y
Y
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Copyright © 2009
Microsemi
Rev. 1.3 2009-02-23
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
7
PD Operating Status
LED1
LED2
IEEE802.3af – ON
ON
OFF
IEEE802.3at – ON
ON
ON
IEEE802.3af -
OVL/SC
Blink at 1Hz
OFF
IEEE802.3at -
OVL/SC
Blink at 1Hz
Blink at 1Hz
Vmain out of range
Blink at 4Hz
OFF
Layout Design Guidelines
(See Figure 3 for layout example)
Isolation & Termination – as specified in the IEEE
standard, certain isolation requirements need to be
met in all PoE equipment. In addition, EMI limitations
should be considered, according to FCC and
European EN regulations.
These requirements are taken into account by PoE
switch vendors, while designing the switch circuitry.
However, when a PoE device is integrated into a
switch, special design considerations must be taken
into account, due to the unique combination of Data
and Power circuitries.
The next paragraphs define these requirements and
provide recommendations for their implementation,
so as to assist designers in meeting those
requirements and in integrating PoE Chipset.
Isolation - As specified in the IEEE standard,
1500Vac rms isolation is required between the main
board circuitry of the switch, including protective and
frame ground and the PoE circuitry.
Isolating the Stacked Modular Jack Assembly
The IEEE standard requires 1500 Vrms isolation
between PoE voltages and frame ground (EGND).
Note that RJ-45 jack assemblies may have a metal
cover that reach almost to the PCB surface.
Proper traces clearance (at least 80 mils) are to be
maintained between EGND traces for the RJ-45
modular jack assembly metal covering and adjacent
circuit paths and components.
To prevent 1500 Vrms isolation violation, it is
necessary to provide layout clearances of PoE
traces, on the top layer, in the vicinity of the RJ-45
connector assemblies.
PoE Output Ports’ Filtering and Terminations: A
switch normally creates a noisy environment. In
order to meet the EMI requirements, good filtering
and line terminations may be needed when
connecting the PoE circuit outputs to the switch
circuitry (see Figure 1). Note that in most PoE
systems, it is recommended to use 0 Ohms resistors
for R100 and R101. However, certain systems may
benefit from the 75Ohm value. It is recommended
that filtering provisions are utilized.
A circuitry for the recommended filter includes:
•
A common mode choke for conducted EMI
performances
•
Output differential capacitor filter for
radiated EMI performances
•
Y-capacitive/resistive network to chassis
Since each system is a unique EMI case, this circuit
is a good starting point for EMI suppression.
Out (+)
Out(-)
Port_ Pos
Port_ N eg
R100
R 10 1
C 100
C101
L100
C102
C103
Figure 1: Recommended EMI Filter
Note For best EMI performance and to avoid additional
noise accumulated on the lines between the filter
and the port connectors, it is recommended to
assemble this circuitry as close as possible to the
port connectors.
PoE circuitry Trace Clearance - PoE technology
involves voltages as high as 57VDC. Thus, plan
adjacent traces for 100V operational creepage.
Operational creepage should be maintained to
prevent breakdown between traces carrying these
potentials.
Locating PoE Circuitry in a Switch - Placement of the
PoE circuitry must be as close as possible to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com