Electronic Components Datasheet Search
  English  ▼

X  

WM5615CD Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM5615CD
Description  10-Bit Digital-to-Analogue Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5615CD Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM5615CD Datasheet HTML 4Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 5Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 6Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 7Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 8Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 9Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 10Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 11Page - Wolfson Microelectronics plc WM5615CD Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Wolfson Microelectronics
10
WM5615
Detailed Description (Continued)
Power-Supply Bypassing and Ground Management
Best system performance is obtained with printed-circuit
boards that use separate analog and digital ground planes.
Wire-wrap boards are not recommended. The two ground
planes should be connected together at the low-
impedance power-supply source. The best ground con-
nection may be achieved by connecting the DAC AGND
terminal to the system analogue ground plane.
VDD should be bypassed with a 0.1
µF ceramic capacitor
connected between VDD and AGND. It should be mounted
with short leads close to the device. Ferrite beads may be
used to further isolate the system analogue and digital
power supplies.
Figure 5 illustrates the grounding and bypassing scheme
described.
Figure 5 - Power-Supply Bypassing
Saving Power
When the DAC is not being used by the system, minimize
power consumption by setting the appropriate code to
minimize load. For example, with a resistive load to ground,
set the DAC code to 0 (see Table 1). In addition, the
REFIN buffer has to drive current into the DAC resistor
string and so setting REFIN to 0 further reduces power
consumption.
Analogue Feedthrough
Because of internal stray capacitance, higher frequency
analog input signals may couple to the output. this is
tested by holding CS high, setting the DAC code to all 0s
and sweeping REFIN.
Digital Feedthrough
High-speed serial data at any of the digital input or output
pins may couple through the DAC package internal stray
capacitance to appear at the DAC output as noise, even
though CS is held high. This digital feedthrough is tested
by holding CS high while transmitting 1010... from DIN to
DOUT.
18
27
36
45
0.1 µF
Analogue Ground Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com