Electronic Components Datasheet Search
  English  ▼

X  

WM8190 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8190
Description  (86) Bit Output 14-bit CIS/CCD AFE/Digitiser
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8190 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8190 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
WM8190
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 August 1999
16
EN
SELDPD
00
Device completely powers down.
10
Device completely powers up.
X1
Blocks with respective SELDIS[3:0] bit high are disabled.
Table 3 Power Down Control
LINE-BY-LINE OPERATION
Certain linear sensors (e.g. Contact Image Sensors) give colour output on a line-by-line basis. i.e. a
full line of red pixels followed by a line of green pixels followed by a line of blue pixels. In order to
accommodate this type of signal the WM8190 can be set into Monochrome mode, with the input
channel switched by writing to control bits CHAN[1:0] between every line. Alternatively, the WM8190
can be placed into colour line-by-line mode by setting the LINEBYLINE control bit. When this bit is
set the green and blue processing channels are powered down and the device is forced internally to
only operate in MONO mode (because only one colour is sampled at a time) through the red channel.
Figure 16 shows the signal path when operating in colour line-by-line mode.
RINP
SEN
VSMP
MCLK
VRLC/VBIAS
SDI
SCK
RLC/ACYC
RLC
BINP
GINP
INPUT
MUX
OFFSET
MUX
RLC
R
G
B
R
G
B
PGA
I/P SIGNAL
POLARITY
ADJUST
8
RLC
DAC
+
CONFIGURABLE
SERIAL
CONTROL
INTERFACE
OP[7:0]
+
WM8190
14-
BIT
ADC
DATA
I/O
PORT
8
OFFSET
DAC
PGA
MUX
TIMING CONTROL
CL
V
S
R
S
4
CDS
RLC
Figure 16 Signal Path When in Line-by-Line Mode
In this mode the input multiplexer and (optionally) the PGA/Offset register multiplexers can be auto-
cycled by the application of pulses to the RLC/ACYC input pin by setting the ACYCNRLC register bit.
The multiplexers change on the first MCLK rising edge after RLC/ACYC is taken high. Alternatively,
all three multiplexers can be controlled via the serial interface by writing to register bits INTM[1:0] to
select the desired colour. It is also possible for the input multiplexer to be controlled separately from
the PGA and Offset multiplexers. Table 4 describes all the multiplexer selection modes that are
possible.
FME
ACYCNRLC
NAME
DESCRIPTION
00
Internal,
no force mux
Input mux, offset and gain registers determined by
internal register bits INTM1, INTM0.
01
Auto-cycling,
no force mux
Input mux, offset and gain registers auto-cycled, RINP
→ GINP → BINP → RINP… on RLC/ACYC pulse.
10
Internal,
force mux
Input mux selected from internal register bits FM1, FM0;
Offset and gain registers selected from internal register
bits INTM1, INTM0.
11
Auto-cycling,
force mux
Input mux selected from internal register bits FM1, FM0;
Offset and gain registers auto-cycled, RINP
→ GINP →
BINP
→ RINP… on RLC/ACYC pulse.
Table 4 Colour Selection Description in Line-by-Line Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com