Electronic Components Datasheet Search
  English  ▼

X  

WM8190 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8190
Description  (86) Bit Output 14-bit CIS/CCD AFE/Digitiser
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8190 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8190 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8190 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
WM8190
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 3.0 August 1999
4
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = DVDD1 = DVDD2 = 4.75 to 5.25V, AGND = DGND = 0V, TA = 0 to 70
°C, MCLK = 12MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Overall System Specification (including 14-bit ADC, PGA, Offset and CDS functions)
NO MISSING CODES GUARANTEED
Full-scale input voltage range
(see Note 1)
Max Gain
Min Gain
0.4
4.08
Vp-p
Vp-p
Input signal limits (see Note 2)
VIN
0
AVDD
V
Full-scale transition error
Gain = 0dB;
PGA[7:0] = 4B(hex)
20
mV
Zero-scale transition error
Gain = 0dB;
PGA[7:0] = 4B(hex)
20
mV
Differential non-linearity
DNL
0.65
LSB
Integral non-linearity
INL
4
LSB
Channel to channel gain matching
1%
References
Upper reference voltage
VRT
2.85
V
Lower reference voltage
VRB
1.35
V
Input return bias voltage
VRX
0.65
V
Diff. reference voltage (VRT-VRB)
VRTB
1.5
V
Output resistance VRT, VRB, VRX
1
Ω
VRLC/Reset-Level Clamp (RLC)
RLC switching impedance
50
Ω
VRLC short-circuit current
5mA
VRLC output resistance
2
Ω
VRLC Hi-Z leakage current
VRLC = 0 to AVDD
1
µA
RLCDAC resolution
4bits
RLCDAC step size, RLCDAC = 0
VRLCSTEP
0.24
V/step
RLCDAC step size, RLCDAC = 1
VRLCSTEP
0.16
V/step
RLCDAC output voltage at
code 0(hex), RLCDACRNG = 0
VRLCBOT
0.40
V
RLCDAC output voltage at
code 0(hex), RLCDACRNG = 1
VRLCBOT
0.25
V
RLCDAC output voltage at
code F(hex) RLCDACRNG, = 0
VRLCTOP
4.20
V
RLCDAC output voltage at
code F(hex), RLCDACRNG = 1
VRLCTOP
2.85
V
VRLC deviation
-50
+50
mV
Offset DAC, Monotonicity Guaranteed
Resolution
8bits
Differential non-linearity
DNL
0.1
0.5
LSB
Integral non-linearity
INL
0.25
1
LSB
Step size
2.04
mV/step
Output voltage
Code 00(hex)
Code FF(hex)
-260
+260
mV
mV
Notes: 1.
Full-scale input voltage denotes the maximum amplitude of the input signal at the specified gain.
2.
Input signal limits are the limits within which the full-scale input voltage signal must lie.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com