Electronic Components Datasheet Search
  English  ▼

X  

WM8720 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8720
Description  24-bit, 96kHz Stereo DACwith Volume Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8720 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8720 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8720 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
WM8720
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 3.0 November 2000
10
IZD (Register Bit)
AUTOMUTED
(Internal Signal)
10k
Ω
MU (Register Bit)
SOFTMUTE
(Internal Signal)
MUTE
PIN
Figure 6 Mute Circuit Operation
The MUTE pin behaves as a bi-directional function, that is, as an input to select mute or NOT-mute,
or as an output indication of automute operation. MUTE is active high; taking the pin high causes the
filters to soft mute, ramping down the audio signal over a few milliseconds. Taking MUTE low again
allows data into the filter.
The automute function detects a series of zero value audio samples of 1024 samples long being
applied to both left and right channels. After such an event, a latch is set whose output (automuted)
is wire OR’ed through a 10kohm resistor to the MUTE pin. Thus if the MUTE pin is not being driven,
the automute function will assert MUTE.
If MUTE is tied low, automute is overridden and will not mute. If MUTE is driven from a source
follower, or diode, then both mute and automute functions are available. If MUTE is not driven,
automute appears as a weak output (10k source impedance) so can be used to drive external
mute circuits.
The automute signal is AND’ed with IZD, this qualified mute signal then being OR’ed into the
SOFTMUTE control. Therefore, in software mode, automute operation may be controlled with IZD
control bit.
I
2S INPUT FORMAT SELECTION AND IWL INPUT FORMAT SELECTION
In hardware mode, pins 4 and 5 become input controls for selection of input data format type, and
input data word length, see Table 4. I
2S mode is designed to support any word length provided
enough bit clocks are sent.
ML/I
2S – PIN 4
MC/IWL – PIN 5
INPUT DATA MODE
0
0
16-bit normal
0
1
20-bit normal
1
0
24-bit normal
11
I
2S mode
Table 4 Control of Input Data Format Type and Input Data Word Length
DM DE-EMPHASIS
In hardware mode, pin 6 becomes an input control for selection of de-emphasis filtering to be
applied. See Figure 8.
DM
0
De-emphasis off
DM
1
De-emphasis on
Table 5 De-emphasis Control
PWDN POWERDOWN CONTROL
In both hardware and software modes, this pin selects powerdown of the entire device when taken
high.
PWDN
0
Device powered up
PWDN
1
Device powered down
Table 6 Powerdown Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com