Electronic Components Datasheet Search
  English  ▼

X  

WM8729 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8729
Description  24-bit, 192kHz Stereo DAC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8729 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8729 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8729 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
WM8729
Product Preview
WOLFSON MICROELECTRONICS LTD
PP Rev 1.2 April 2001
10
AUTOMUTED
(Internal Signal)
10k
Ω
SOFTMUTE
(Internal Signal)
MUTEB
PIN
Figure 6 Selection Logic for MUTE Modes
INPUT FORMAT SELECTION
FORMAT (pin 16) controls the data input format.
FORMAT
INPUT DATA MODE
0
20-bit right justified (note 2)
1
24-bit I
2S (note 2)
Table 3 Input Format Selection
Notes:
1.
In 24 bit I
2S mode, any width of 24 bits or more is supported provided that LRCIN is high for
a minimum of 24 BCKINs and low for a minimum of 24 BCKINs, unless Note 2.
2.
If exactly 16 BCKIN cycles occur in both the low and high period of LRCIN the WM8729 will
assume the data is 16 bit and accept the data accordingly.
DE-EMPHASIS CONTROL
DEM (pin 15) is an input control for selection of de-emphasis filtering to be applied.
DEM
DE-EMPHASIS
0Off
1On
Table 4 De-emphasis Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com