Electronic Components Datasheet Search
  English  ▼

X  

WM8736 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8736
Description  24-bit, 96kHz 6-Channel DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8736 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8736 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
WM8736
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 2.1 January 2001
12
REGISTER NAME
BIT NAME
DEFAULT
DESCRIPTION
Register M0
A[3:0] = 0000
AL[7:0]
LDL
1111 1111
0
Attenuation data for left channel DAC 0
Attenuation data load control for left channel DAC 0
Register M1
A[3:0] = 0001
AR[7:0]
LDR
1111 1111
0
Attenuation data for right channel DAC 0
Attenuation data load control for right channel DAC 0
Register M2
A[3:0] = 0010
MU
DE
OPE
IW[1:0]
PL[3:0]
0
0
0
00
1001
Left and right DACs soft mute control
De-emphasis control
Left and right DACs operation control
Input audio word resolution
DAC output control
Register M3
A[3:0] = 0011
I
2S
LRP
ATC
SF[1:0]
IZD
0
0
0
00
0
Audio data format select
Polarity of LRCIN (pin 4) Select
Attenuator control
Sampling rate select
Infinite zero detection circuit control and automute control
Register M4
A[3:0] = 0100
AL[7:0]
LDL
1111 1111
0
Attenuation data for left channel DAC 1
Attenuation data load control for left channel DAC 1
Register M5
A[3:0] = 0101
AR[7:0]
LDR
1111 1111
0
Attenuation data for right channel DAC 1
Attenuation data load control for right channel DAC 1
Register M6
A[3:0] = 0110
AL[7:0]
LDL
1111 1111
0
Attenuation data for left channel DAC 2
Attenuation data load control for left channel DAC 2
Register M7
A[3:0] = 0111
AR[7:0]
LDR
1111 1111
0
Attenuation data for right channel DAC 2
Attenuation data load control for right channel DAC 2
Register M8
Master Gain
A[3:0] = 1000
AM[7:0]
LDM
1111 1111
0
DAC attenuation data for all channels
Attenuation data load control for all channels
Table 8 Internal Register Mapping
DAC OUTPUT ATTENUATION
Registers M0 and M1 control the left and right channel attenuation of DAC 0. Registers M4 and M5
control the left and right channel attenuation of DAC 1. Registers M6 and M7 control the left and right
channel attenuation of DAC 2. Register M8 is a master register that can be used to control
attenuation of all channels.
Register M0 (A[3:0] = 0000) is used to control left channel 0 attenuation. Bits 0-7 (AL[7:0]) are used
to determine the attenuation level (Table 9). The level of attenuation is given by:
Attenuation = [20.log10 (Attenuation_Data/256)] dB
Eqn. 1
AX[7:0]
ATTENUATION LEVEL
00(hex)
-
∞dB (mute)
01(hex)
-48.16dB
::
::
::
FE(hex)
-0.07dB
FF(hex)
0dB
Table 9 Attenuation Control Levels
Bit 8 in register M0 (LDL) is used to control the loading of attenuation data in AL[7:0]. When LDL is
set to 0, attenuation data will be loaded into AL[7:0], but it will not affect the attenuation level until
LDL is set to 1.
Register M1 (A[1:0] = 01) is used to control right channel attenuation in the same manner.
Attenuation of DAC 1 and 2 are similarly controlled.
Bit 2 in register M3 (A[3:0] = 0011) is used to control the attenuator (ATC). When ATC is high, the
attenuation data loaded in the left channel program register is used for both the left and the right
channels. Therefore, DAC 0 attenuation data for left and right channels is read from register M0,
DAC 1 attenuation data for left and right channels is read from register M4 and DAC 2 attenuation
data for left and right channels is read from register M6. When ATC is low, attenuation data is read
from the individual left and right DAC registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com