Electronic Components Datasheet Search
  English  ▼

X  

WM8736 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8736
Description  24-bit, 96kHz 6-Channel DAC with Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8736 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8736 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8736 Datasheet HTML 17Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Production Data
WM8736
WOLFSON MICROELECTRONICS LTD
PD Rev 2.1 January 2001
15
RECOMMENDED EXTERNAL COMPONENTS
12
DVDD
DVSS
ML/I2S
AVSS1
AVDD1
CAP
C
13
C
12
AGND
1
11
Software I/F or
Hardware Control
WM8736
NOTES:
1. AGND and DGND should be connected as close to the WM8736 as possible.
2. C
2, C3, C4 and C12 should be positioned as close to the WM8736 as possible.
3. Capacitor types should be carefully chosen. Capacitors with very low ESR are
recommended for optimum performance.
AVDD2
AVSS2
GR0
C
3
C
4
C
5
C
2
DVDD
C
1
13
MC/IWL
14
MD/DM0
OUT0R
25
C
6
OUT0L
C
7
AC-Coupled
OUT0R/L
to External LPF
8
MODE
9
MUTE
27
AVDD
2
SCKI
3
BCKIN
4
LRCIN
6
DIN1
7
DIN2
Audio Serial Data I/F
DGND
AGND
GR1
GR2
OUT1R
21
C
1
OUT1L
C
9
AC-Coupled
OUT1R/L
to External LPF
23
OUT2R
17
C
10
OUT2L
C
11
AC-Coupled
OUT2R/L
to External LPF
19
10
RSTB
5
DIN0
15
28
20
24
+
26
22
18
16
+
+
Figure 8 External Components Diagram
RECOMMENDED EXTERNAL COMPONENTS VALUES
COMPONENT
REFERENCE
SUGGESTED
VALUE
DESCRIPTION
C1 and C5
10
µF
De-coupling for DVDD and AVDD.
C2 to C4
0.1
µF
De-coupling for DVDD and AVDD.
C6 to C11
10
µF
Output AC coupling caps to remove midrail DC level from outputs.
C12
0.1
µF
C13
10
µF
Reference de-coupling capacitors for CAP pin.
Table 13 External Components Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com