Electronic Components Datasheet Search
  English  ▼

X  

WM8740 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8740
Description  24-bit, High Performance 192kHz Stereo DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8740 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8740 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8740 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Advanced Information
WM8740
WOLFSON MICROELECTRONICS LTD
AI Rev 1.7 July 2000
15
•
ANRES is the reset to the switched capacitor filter.
•
ANMUTE is an analogue muting signal gating the analogue signal at the output (after
the SC filter)
•
AUTOMUTE is asserted when both the IZD register bit is asserted and the input audio
data has been zero on both left and right channels for 1024 input samples. The first
non-zero sample de-asserts.
•
Applying a logic low to MUTEB or setting MUT in Reg2 causes the gain registers to
ramp to zero. When a logic high is applied, the gain ramps slowly back up to the value
held in the appropriate attenuation register (AL or AR). The ramp rate = 128/fs s/0.5dB
step.
If SOFTMUTE is set or
MUTEB=0 then GAINL and
GAINR are overridden to 00
MUTEB
GAINL[0:7]
GAINR[0:7]
ANMUTE
SOFTMUTE
gain ramps between
previous and new gain
setting
Signal
Processing
IZD
ZERO
OPE
FREQ_INVALID
INIT
Automute:
Detect 1024
zero input
samples
Figure 7 Mute Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com