Electronic Components Datasheet Search
  English  ▼

X  

WM9701 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM9701
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM9701 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
WM9701A
Production Data
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
6
WARM RESET
SYNC
BIT_CLK
t
SYNC_HIGH
t
SYNC2CLK
Figure 3 Warm Reset Timing
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SYNC active high pulse width
tSYNC_HIGH
1.3
µs
SYNC inactive to BIT_CLK
startup delay
tSYNC2CLK
162.4
ns
CLOCK SPECIFICATIONS
BIT_CLK
SYNC
t
CLK_HIGH
t
CLK_LOW
t
CLK_PERIOD
t
SYNC_HIGH
t
SYNC_LOW
t
SYNC_PERIOD
Figure 4 Clock Specifications (50pF External Load)
Note: Worst case duty cycle restricted to 40/60.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
BIT_CLK frequency
12.288
MHz
BIT_CLK period
tCLK_PERIOD
81.4
ns
BIT_CLK output jitter
750
ps
BIT_CLK high pulse width (Note
1 on page 4)
tCLK_HIGH
32.56
40.7
48.84
ns
BIT_CLK low pulse width (Note
1 on page 4)
tCLK_LOW
32.56
40.7
48.84
ns
SYNC frequency
48.0
kHz
SYNC period
tSYNC_PERIOD
20.8
µs
SYNC high pulse width
tSYNC_HIGH
1.3
µs
SYNC low pulse width
tSYNC_LOW
19.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com