Electronic Components Datasheet Search
  English  ▼

X  

WM9701 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM9701
Description  Low Power AC97 Multimedia Audio Codec
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9701 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM9701 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 9Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 10Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 11Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 12Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9701 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
WM9701A
Production Data
WOLFSON MICROELECTRONICS LTD.
PD Rev 3.2 January 2001
10
SLOT #
SYNC
OUTGOING
STREAMS
INCOMING
STREAMS
TAG PHASE
TAG
CMD
ADR
CMD
DATA
PCM
LEFT
PCM
RIGHT
OPT
MDM CDC
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
TAG
CMD
ADR
CMD
DATA
PCM
LEFT
PCM
RIGHT
OPT
MDM CDC
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
DATA PHASE
01
234
56
789
10
11
12
Figure 7 AC’97 Standard Bi-directional Audio Frame
SYNC
BIT_CLK
SDATA_OUT
VALID
FRAME
SLOT(1)
OUT
SLOT(2)
SLOT(12)
’0’
’0’
’0’
19
0
19
0
19
0
19
0
TAG PHASE
DATA PHASE
20.8
µS (48kHz)
12.288MHz
81.4nS
END OF PREVIOUS
AUDIO FRAME
TIME SLOT ’VALID’ BITS
(’1’ = TIME SLOT CONTAINS
VALID PCM DATA)
SLOT (1)
SLOT (2)
SLOT (3)
SLOT (12)
Figure 8 AC-link Audio Output Frame
The data streams currently defined by the AC’97 specification include:
PCM playback - 2 output slots
2 channel composite PCM output stream
PCM record data - 2 input slots
2 channel composite PCM input stream
Control 2 output slots
Control register write port
Status 2 input slots
Control register read port
Optional modem line Codec output - 1
output slot
Modem line Codec DAC input stream
(Not supported by WM9701A)
Optional modem line Codec input - 1
input slot
Modem line Codec ADC output stream
(Not supported by WM9701A)
Optional dedicated microphone input -
1 input slot
Dedicated microphone input stream in support of
stereo AEC, and/or other voice applications.
(Not supported by WM9701A)
Synchronisation of all AC-link data transactions is signalled by the WM9701A controller. WM9701A
drives the serial bit clock onto AC-link, which the AC’97 controller then qualifies with a
synchronisation signal to construct audio frames.
SYNC fixed at 48 kHz, is derived by dividing down the serial clock (BIT_CLK). BIT_CLK, fixed at
12.288 MHz, provides the necessary clocking granularity to support 12, 20-bit outgoing and incoming
time slots. AC-link serial data is transitioned on each rising edge of BIT_CLK. The receiver of AC-
link data, (WM9701A for outgoing data and the AC’97 controller for incoming data), samples each
serial bit on the falling edges of BIT_CLK.
The AC-link protocol provides for a special 16-bit time slot (slot 0) wherein each bit conveys a valid
tag for its corresponding time slot within the current audio frame. A 1 in a given bit position of slot 0
indicates that the corresponding time slot within the current audio frame has been assigned to a data
stream, and contains valid data. If a slot is “tagged” invalid, it is the responsibility of the source of the
data, (WM9701A for the input stream, AC’97 controller for the output stream); to stuff all bit positions
with 0s during that slot’s active time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com