Electronic Components Datasheet Search
  English  ▼

X  

WM9704M Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM9704M
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704M Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM9704M Datasheet HTML 21Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 22Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 23Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 24Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 25Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 26Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 27Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 28Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Production Data
WM9704M
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
25
Note that the WM9704M defaults to indicate 18-bit compatibility. However, a control bit may be set in
the vendor-specific registers that changes bits ID6 and ID8 to be ‘0’, indicating a 16-bit device. It is
unlikely that this function will be required, however, as the MSB justification of the ADC and DAC
data means that a nominally 18-bit device should be fully compatible with controllers that only
provide 16-bit support. Most PC type applications will only require 16-bit operation.
PLAY MASTER VOLUME REGISTERS (INDEX 02H, 04H AND 06H)
These registers manage the output signal volumes. Register 02h controls the stereo master volume
(both right and left channels), Register 04h controls the optional stereo headphone out, and Register
06h controls the mono volume output. Each step corresponds to 1.5dB. The MSB of the register is
the mute bit. When this bit is set to 1 the level for that channel is set at -
∞dB.
ML5 through ML0 is for left channel level, ML5 through ML0 is for the right channel and MM5 through
MM0 is for the mono out channel.
Support for the MSB of the volume level is not provided by the WM9704M. If the MSB is written to,
then the WM9704M detects when that bit is set and sets all 4 LSBs to 1s. Example: If the driver
writes a 1xxxxx the WM9704M interprets that as x11111. It will also respond when read with x11111
rather than 1xxxxx, the value written to it. The driver can use this feature to detect if support for the
6th bit is there or not.
The default value of both the mono and the stereo registers is 8000h (1000 0000 0000 0000), which
corresponds to 0dB gain with mute on.
MUTE
MX4...MX0
FUNCTION
0
0 0000
0dB attenuation
0
0 0001
1.5dB attenuation
0
1 1111
46.5dB attenuation
1
x xxxx
∞dB attenuation
Table 10 Volume Register Function
MASTER TONE CONTROL REGISTERS (INDEX 08H)
Optional register for support of tone controls (bass and treble). The WM9704M does not support
bass and treble and writing to this register will have no effect, reading will result in all don’t care
values.
PC BEEP REGISTER (INDEX 0AH)
This controls the level for the PC-beep input. Each step corresponds to approximately 3dB of
attenuation. The MSB of the register is the mute bit. When this bit is set to 1 the level for that
channel is set at -
∞dB.
WM9704M defaults to the PC-beep path being muted, except during reset when the path is open, so
an external speaker should be provided within the PC to alert the user to power on self-test
problems.
MUTE
PV3...PV0
FUNCTION
0
0000
0dB attenuation
0
1111
45dB attenuation
1
xxxx
∞dB attenuation
Table 11 PC-beep Register Function
ANALOGUE MIXER INPUT GAIN REGISTERS (INDEX 0CH - 18H)
This controls the gain/attenuation for each of the analogue inputs. Each step corresponds to
approximately 1.5dB. The MSB of the register is the mute bit. When this bit is set to 1 the level for
that channel is set at -
∞dB. (See Table 12).
REGISTER 0EH (MIC VOLUME REGISTER)
This has an extra bit that is for a 20dB boost. When bit 6 is set to 1 the 20dB boost is on. The default
value is 8008, which corresponds to 0dB gain with mute on.
The default value for the mono registers is 8008h, which corresponds to 0dB gain with mute on. The
default value for stereo registers is 8808h, which corresponds to 0dB gain with mute on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com