Electronic Components Datasheet Search
  English  ▼

X  

WM9704M Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM9704M
Description  AMC97 Audio and Modem Codec
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9704M Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM9704M Datasheet HTML 23Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 24Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 25Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 26Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 27Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 28Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 29Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 30Page - Wolfson Microelectronics plc WM9704M Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Production Data
WM9704M
WOLFSON MICROELECTRONICS LTD
PD Rev 3.2 January 2001
27
3D CONTROL REGISTER (INDEX 22H)
This register is used to control the centre and/or depth of the 3D stereo enhancement function built
into of the AC ‘97 component. Only the depth bits DP0 to 3 have effect in the WM9704M.
DP3…DP0
DEPTH
00%
1
-
8
Typical value
-
15
100%
RESERVED REGISTER (INDEX 24H)
This register was originally specified to control what sample rate AC’97 is sending or receiving
samples for the optional modem in and out. Not supported by the WM9704M.
POWERDOWN CONTROL/STATUS REGISTER (INDEX 26H)
This read/write register is used to program powerdown states and monitor subsystem readiness. The
lower half of this register is read only status, a 1 indicating that the subsection is “ready”. Ready is
defined as the subsection able to perform in its nominal state. When this register is written the bit
values that come in on AC-link will have no effect on read only bits 0 to 7.
When the AC-link “Codec Ready” indicator bit (SDATA_IN slot 0, bit 15) is a 1 it indicates that the
AC-link and the WM9704M control and status registers are in a fully operational state. The AC’97
controller must further probe this Powerdown Control/Status Register to determine exactly which
subsections, if any, are ready.
READ BIT
FUNCTION
REF
VREFs up to nominal level
ANL
Analogue mixers, etc ready
DAC
DAC section ready to accept data
ADC
ADC section ready to transmit data
Table 16 Powerdown Status Register Function
The powerdown modes are as follows. The first three bits are to be used individually rather than in
combination with each other. The last bit PR3 can be used in combination with PR2 or by itself. PR0
and PR1 control the PCM ADCs and DACs only. PR6 is not supported by the WM9704M.
WRITE BIT
FUNCTION
PR0
PCM in ADCs and input Mux powerdown
PR1
PCM out DACs powerdown
PR2
Analogue mixer powerdown (VREF still
on)
PR3
Analogue mixer powerdown (VREF off)
PR4
Digital interface (AC-link) powerdown
(external clock off)
PR5
Internal clock disable
PR6
HP amp powerdown – not supported
EAPD
External amplifier powerdown
Table 17 Powerdown Control Register Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com