Electronic Components Datasheet Search
  English  ▼

X  

WM9707 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM9707
Description  AC97 Revision 2.1 Audio Codec with Spdif Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9707 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM9707 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Advanced Information
WM9707
WOLFSON MICROELECTRONICS LTD
AI Rev 2.2 January 2001
5
Test Characteristics:
AVSS = 5V, GND = 0V …………..TA = 0
oC to +70oC, unless otherwise stated
DVDD = 3.3V, GND = 0V …………..TA = 0
oC to +70oC, unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Circuit Specifications (AVDD = 3.3V) 48kHz sampling
SNR A-weighted (Note 1)
85
dB
ADC input for full scale output
VREF = 1.65V
0.7
Vrms
THD
-6dBv input
80
dB
Frequency response
20
19,200
Hz
Transition band
19,200
28,800
Hz
Stop band
28,800
Hz
Stop band rejection
-74
dB
PSRR
20 to 20kHz
40
dB
Mixer Circuit Specifications (AVDD = 3.3V) 48kHz sampling
SNR CD path A-weighted
(Note 1)
95
dB
SNR Other paths A-weighted
(Note 1)
90
dB
Maximum input voltage
0.6
Vrms
Maximum output voltage on
LINEOUT
1.2
Vrms
THD (Note 2)
-3.6dBv input
85
dBv
Frequency response (+/-1dB)
20
20,000
Hz
Input impedance (CD inputs)
At any gain
15
kohm
At max gain
20
kohm
Input impedance (other Mixer
inputs)
At 0db gain
100
kohm
At max gain
30
kohm
Input impedance MIC inputs
At 0db gain
110
kohm
PSRR
20 to 20kHz
50
dB
Clock Frequency Range
Crystal clock
24.576
MHz
BIT_CLK frequency
12.288
MHz
SYNC frequency
48.0
kHz
Notes:
1.
SNR is the ratio of 0dB signal output to the output level with no signal, measured A-weighted over a 20Hz to 20kHz
bandwidth.
2.
Inputs are scaled for AVDD eg; 0dBv at 5.0V is equivalent to –3.6dBv at 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com