Electronic Components Datasheet Search
  English  ▼

X  

WM9707 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM9707
Description  AC97 Revision 2.1 Audio Codec with Spdif Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9707 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM9707 Datasheet HTML 1Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 2Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 3Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 4Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 5Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 6Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 7Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 8Page - Wolfson Microelectronics plc WM9707 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
WM9707
Advanced Information
WOLFSON MICROELECTRONICS LTD
AI Rev 2.2 January 2001
4
Test Characteristics:
AVSS = 5V, GND = 0V …………..TA = 0
oC to +70oC, unless otherwise stated
DVDD = 3.3V, GND = 0V …………..TA = 0
oC to +70oC, unless otherwise stated
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC Circuit Specifications (AVDD = 5V) 48kHz sampling
SNR A-weighted (Note 1)
85
95
dBv
Full scale output voltage
VREF = 2.5V
1.0
Vrms
THD
-3dBfs input
74 (0.02%)
90
dBv
Frequency response
20
19,200
Hz
Transition band
19,200
28,800
Hz
Stop band
28,800
Hz
Out of band rejection
-40
dB
Spurious tone reduction
-100
dB
PSRR
20 to 20kHz
40
dB
ADC Circuit Specifications (AVDD = 5V) 48kHz sampling
SNR A-weighted (Note 1)
75
92
dB
ADC input for full scale output
VREF = 2.5V
1.0
Vrms
THD
-6dBv input
74
95
dB
Frequency response
20
19,200
Hz
Transition band
19,200
28,800
Hz
Stop band
28,800
Hz
Stop band rejection
-74
dB
PSRR
20 to 20kHz
40
dB
Mixer Circuit Specifications (AVDD = 5V) 48kHz sampling
SNR CD path A-weighted (Note
1)
90
100
dB
SNR Other paths A-weighted
(Note 1)
85
95
dB
Maximum input voltage
AVSS
1.0
AVDD
Vrms
Maximum output voltage on
LINEOUT
1.0
1.8
Vrms
THD
0dBv input
74
90
dB
Frequency response (+/-1dB)
20
20,000
Hz
Input impedance (CD inputs)
At any gain
15
kohm
At max gain
10
20
kohm
Input impedance (other mixer
inputs)
At 0db gain
50
100
kohm
At max gain
10
30
kohm
Input impedance MIC inputs
At 0db gain
55
110
kohm
PSRR
20 to 20kHz
50
dB
DAC Circuit Specifications (AVDD = 3.3V) 48kHz sampling
SNR A-weighted (Note 1)
92
dB
Full scale output voltage
VREF = 1.65V
0.7
Vrms
THD
-3dBFS input
85
dB
Frequency response
Hz
Transition band
Hz
Stop band
Hz
Out of band rejection
dB
Spurious tone reduction
dB
PSRR
20 to 20kHz
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com