Electronic Components Datasheet Search
  English  ▼

X  

ACS709 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ACS709
Description  High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS709 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS709 Datasheet HTML 1Page - Allegro MicroSystems ACS709 Datasheet HTML 2Page - Allegro MicroSystems ACS709 Datasheet HTML 3Page - Allegro MicroSystems ACS709 Datasheet HTML 4Page - Allegro MicroSystems ACS709 Datasheet HTML 5Page - Allegro MicroSystems ACS709 Datasheet HTML 6Page - Allegro MicroSystems ACS709 Datasheet HTML 7Page - Allegro MicroSystems ACS709 Datasheet HTML 8Page - Allegro MicroSystems ACS709 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
High Bandwidth, Fast Fault Response Current Sensor IC
In Thermally Enhanced Package
ACS709
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
COMMON OPERATING CHARACTERISTICS Valid at TA = –40°C to 150°C, VCC= 5 V, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS
Supply Voltage1
VCC
3
–
5.5
V
Nominal Supply Voltage
VCCN
–5
–
V
Supply Current
ICC
VIOUT open, ¯F¯¯A¯U¯¯L¯¯T¯ pin high
–
11
14.5
mA
Output Capacitance Load
CLOAD
VIOUT pin to GND
–
–
10
nF
Output Resistive Load
RLOAD
VIOUT pin to GND
10
–
–
kΩ
Magnetic Coupling from Device Conductor
to Hall Element
MCHALL
Current flowing from IP+ to IP– pins
–
9.5
–
G/A
Internal Filter Resistance2
RF(INT)
–
1.7
–
kΩ
Primary Conductor Resistance
RPRIMARY
TA = 25°C
–
1.1
–
mΩ
ANALOG OUTPUT SIGNAL CHARACTERISTICS
Full Range Linearity3
ELIN
IP = ±IP0A
–0.75
±0.25
0.75
%
Symmetry4
ESYM
IP = ±IP0A
99.1
100
100.9
%
Bidirectional Quiescent Output
VOUT(QBI)
IP = 0 A, TA = 25°C
–
VCC×0.5
–
V
TIMING PERFORMANCE CHARACTERISTICS
VIOUT Signal Rise Time
tr
TA = 25°C, Swing IP from 0 A to IP0A,
no capacitor on FILTER pin, 100 pF from
VIOUT to GND
–3
–
μs
VIOUT Signal Propagation Time
tPROP
TA = 25°C, no capacitor on FILTER pin,
100 pF from VIOUT to GND
–1
–
μs
VIOUT Signal Response Time
tRESPONSE
TA = 25°C, Swing IP from 0 A to IP0A,
no capacitor on FILTER pin, 100 pF from
VIOUT to GND
–4
–
μs
VIOUT Large Signal Bandwidth5
f3dB
–3 dB, TA = 25°C, no capacitor on FILTER
pin, 100 pF from VIOUT to GND
–
120
–
kHz
Power-On Time
tPO
Output reaches 90% of steady-state level,
no capacitor on FILTER pin, TA = 25°C
–35
–
μs
OVERCURRENT CHARACTERISTICS
Setting Voltage for Overcurrent Switchpoint6
VOC
VCC×0.25
–
VCC×0.4
V
Signal Noise at Overcurrent
Comparator Input
INCOMP
–±1
–
A
Overcurrent Fault Switchpoint Error7,8
EOC
Switchpoint in VOC safe operating area;
assumes INCOMP = 0 A
–±5
–
%
Overcurrent ¯F¯¯A¯U¯¯L¯¯T¯ Pin Output Voltage
V¯F¯¯A¯U¯¯L¯¯T¯
1 mA sink current at ¯F¯¯A¯U¯¯L¯¯T¯ pin
–
–
0.4
V
Fault Enable (FAULT_EN Pin) Input Low
Voltage Threshold
VIL
–
–
0.1 × VCC
V
Fault Enable (FAULT_EN Pin) Input High
Voltage Threshold
VIH
0.8 × VCC
––
V
Fault Enable (FAULT_EN Pin) Input
Resistance
RFEI
–1
–
MΩ
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com