Electronic Components Datasheet Search
  English  ▼

X  

ACS709 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ACS709
Description  High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS709 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ACS709 Datasheet HTML 3Page - Allegro MicroSystems ACS709 Datasheet HTML 4Page - Allegro MicroSystems ACS709 Datasheet HTML 5Page - Allegro MicroSystems ACS709 Datasheet HTML 6Page - Allegro MicroSystems ACS709 Datasheet HTML 7Page - Allegro MicroSystems ACS709 Datasheet HTML 8Page - Allegro MicroSystems ACS709 Datasheet HTML 9Page - Allegro MicroSystems ACS709 Datasheet HTML 10Page - Allegro MicroSystems ACS709 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
High Bandwidth, Fast Fault Response Current Sensor IC
In Thermally Enhanced Package
ACS709
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Thermal Characteristics
Characteristic
Symbol
Test Conditions
Value
Units
Steady State Package Thermal Resistance
RθJA
Tested with 30 A DC current and based on ACS709 demo
board in 1 cu. ft. of still air. Please refer to product FAQs
page on Allegro web site for detailed information on
ACS709 demo board.
21
ºC/W
Transient Package Thermal Resistance
RTθJA
Tested with 30 A DC current and based on ACS709 demo
board in 1 cu. ft. of still air. Please refer to product FAQs
page on Allegro web site for detailed information on
ACS709 demo board.
See graph
ºC/W
0
2
4
6
8
10
12
14
16
18
20
22
0.01
0.1
1
10
100
1000
Time (Sec)
ACS709 Transient Package Thermal Resistance
On 85--0444 Demo Board (No Al Plate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com