Electronic Components Datasheet Search
  English  ▼

X  

SG3731N Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SG3731N
Description  DC MOTOR PULSE WIDTH MODULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3731N Datasheet(HTML) 1 Page - Microsemi Corporation

  SG3731N Datasheet HTML 1Page - Microsemi Corporation SG3731N Datasheet HTML 2Page - Microsemi Corporation SG3731N Datasheet HTML 3Page - Microsemi Corporation SG3731N Datasheet HTML 4Page - Microsemi Corporation SG3731N Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SG1731/SG2731/SG3731
Rev 1.3a 3.19.2005
Microsemi Inc.
Copyright
 1999
11861
Western
Avenue
∞
∞
∞
∞
∞
Garden
Grove,
CA
92841
1
(714) 898-8121
∞
∞
∞
∞
∞
FAX: (714) 893-2570
DC MOTOR PULSE WIDTH MODULATOR
FEATURES
••••• ±±±±±3.5V to ±±±±±15V control supply
••••• ±±±±±2.5V to ±±±±±22V driver supply
••••• Dual 100mA source/sink output
drivers
••••• 5KHz to 350KHz oscillator range
••••• High slew rate error amplifier
••••• Adjustable deadband operation
••••• Digital SHUTDOWN input
HIGH RELIABILITY FEATURES
- SG1731
♦
♦
♦
♦
♦ Available to MIL-STD-883
♦
♦
♦
♦
♦ LMI level “S” processing available
BLOCK DIAGRAM
DESCRIPTION
The SG1731 is a pulse width modulator circuit designed specifically for DC motor
control. It provides a bi-directional pulse train output in response to the magnitude
and polarity of an analog error signal input. The device is useful as the control
element in motor-driven servo systems for precision positioning and speed control,
as well as in audio modulators and amplifiers using carrier frequencies to 350 KHz.
The circuit contains a triangle waveform oscillator, a wideband operational amplifier
for error voltage generation, a summing/scaling network for level-shifting the
triangle waveform, externally programmable PWM comparators and dual
±100mA,
±22V totem pole drivers with commutation diodes for full bridge output. A
SHUTDOWN terminal forces the drivers into a floating high-impedance state when
driven LOW. Supply voltage to the control circuitry and to the output drivers may be
from either dual positive and negative supplies, or single-ended.


Similar Part No. - SG3731N

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3731N MICROSEMI-SG3731N Datasheet
140Kb / 5P
DC MOTOR PULSE WIDTH MODULATOR
More results

Similar Description - SG3731N

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
REGULATING PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
Pulse Width Modulator
REV.0
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
REGULATING PULSE WIDTH MODULATOR
SG1731 MICROSEMI-SG1731 Datasheet
140Kb / 5P
DC MOTOR PULSE WIDTH MODULATOR
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
Pulse-Width Modulator
logo
Microsemi Corporation
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
REGULATING PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
Pulse Width Modulator
REV. 0
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
Regulating Pulse Width Modulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com