Electronic Components Datasheet Search
  English  ▼

X  

SG3731N Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SG3731N
Description  DC MOTOR PULSE WIDTH MODULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG3731N Datasheet(HTML) 2 Page - Microsemi Corporation

  SG3731N Datasheet HTML 1Page - Microsemi Corporation SG3731N Datasheet HTML 2Page - Microsemi Corporation SG3731N Datasheet HTML 3Page - Microsemi Corporation SG3731N Datasheet HTML 4Page - Microsemi Corporation SG3731N Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SG1731/SG2731/SG3731
Rev 1.3a
Copyright
 1999
11861
Western
Avenue
∞
∞
∞
∞
∞
Garden
Grove,
CA
92841
2
(714) 898-8121
∞
∞
∞
∞
∞
FAX: (714) 893-2570
ABSOLUTE MAXIMUM RATINGS (Note1)
Output Driver Diode Current (continuous) .................... 200mA
Output Driver Diode Current (peak, 500ns) .................. 400mA
Operating Junction Temperature
Hermetic (J - Package) ............................................... 150
°C
Plastic (N - Package) .................................................. 150
°C
Storage Temperature Range ............................ -65°C to 150
°C
Lead Temperature (Soldering, 10 Seconds) .................. 300
°C
Supply Voltage (±V
S) ........................................................ ±18V
Analog Inputs .......................................................................
±V
S
Digital Inputs (SHUTDOWN) .................... -V
S-0.3V to -VS+18V
Output Driver Supply Voltage (
±V
O) ................................. ±25V
Source/Sink Output Current (continuous) .................... 200mA
Source/Sink Output Current (peak, 500ns) .................. 400mA
Note 1. Values beyond which damage may occur.
J Package:
Thermal Resistance-Junction to Case,
θ
JC ..............
30°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .......... 80°C/W
N Package:
Thermal Resistance-Junction to Case,
θ
JC ..............
40°C/W
Thermal Resistance-Junction to Ambient,
θ
JA .........
65°C/W
THERMAL DATA
Note A.
Junction Temperature Calculation: T
J = TA + (PD x θJA).
Note B. The above numbers for
θ
JC are maximums for the limiting thermal
resistance of the package in a standard mounting configuration.
The
θ
JA numbers are meant to be guidelines for the thermal
performance of the device/pc-board system. All of the above
assume no ambient airflow.
Oscillator Frequency Range ........................... 10Hz to 350KHz
Oscillator Voltage (Peak-to-Peak) ............................. 1V to 10V
Oscillator Timing Capacitor (C
T) ....................... 200pF to 2.5µF
Operating Ambient Temperature Range
SG1731 ........................................................ -55
°C to 125°C
SG2731 ........................................................... -25
°C to 85°C
SG3731 .............................................................. 0
°C to 70°C
Supply Voltage Range (±V
S) ............................... ±3.5V to ±15V
Error Amp Common-Mode Range ............... -V
S + 3V to VS - 3V
Output Driver Supply Voltage Range ..................
±2.5V to ±22V
Source/Sink Output Current (continuous) .................... 100mA
Source/Sink Output Current (peak, 500ns) .................. 200mA
Output Driver Diode Current (continuous) .................... 100mA
Output Driver Diode Current (peak, 500ns) .................. 200mA
Note 2. Range over which the device is functional and parameter limits are guaranteed.
RECOMMENDED OPERATING CONDITIONS (Note 2)
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specfiications apply over the operating ambient temperatures for SG1731 with -55
°C ≤ T
A ≤ 125°C, SG2731 with
-25
°C ≤ T
A ≤ 85°C, SG3731 with 0°C ≤ TA ≤ 70°C, VS = ±15V, and VO = ±22V. Low duty cycle pulse testing techniques are used which maintains junction
and case temperatures equal to the ambient temperature.)
SG1731/2731/3731
Parameter
Units
Min.
Typ. Max.
Test Conditions
C
T Charging Current
2V
∆± Input Bias Current
Initial Oscillator Frequency
Temperature Stability (Note 3)
Oscillator Section
T
A = 25°C
T
A = TMIN to TMAX
V
CM = ±5V
C
T = 1000pF, 2V∆± = ±5V,TA = 25°C
C
T = 1000pF, 2V∆± = ±5V
500
25.0
550
600
-20
27.5
10
450
400
22.5
µA
µA
µA
KHz
%
mV
µA
nA
dB
V
dB
V/
µs
MHz
10
1
10
3
600
70
±10
70
5
0.7
R
L = 2KΩ
R
L = 2KΩ
T
A = 25°C
T
A = 25°C
Input Offset Voltage
Input Bias Current
Input Offset Current
Open Loop Voltage Gain
Output Voltage Swing
Common-Mode Rejection Ratio
Slew Rate (Notes 3 and 4)
Unity Gain Bandwidth (Notes 3 and 4)
Error Amplifier Section (Note 5)
Input Bias Current
6
µA
±V
T = ±3V
PWM Comparators
RoHS Peak Package Solder Reflow Temp.(40 sec. max. exp.)...... 260°C (+0, -5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com