Electronic Components Datasheet Search
  English  ▼

X  

1H2 Datasheet(PDF) 3 Page - Won-Top Electronics

Part # 1H2
Description  1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1H2 Datasheet(HTML) 3 Page - Won-Top Electronics

  1H2 Datasheet HTML 1Page - Won-Top Electronics 1H2 Datasheet HTML 2Page - Won-Top Electronics 1H2 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1H1 – 1H8
3 of 3
© 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
!
!
!
Package Type
Shipping Quantity
1H1-T3
R-1
5000/Tape & Reel
1H1-TB
R-1
5000/Tape & Box
1H1
R-1
1000 Units/Box
1H2-T3
R-1
5000/Tape & Reel
1H2-TB
R-1
5000/Tape & Box
1H2
R-1
1000 Units/Box
1H3-T3
R-1
5000/Tape & Reel
1H3-TB
R-1
5000/Tape & Box
1H3
R-1
1000 Units/Box
1H4-T3
R-1
5000/Tape & Reel
1H4-TB
R-1
5000/Tape & Box
1H4
R-1
1000 Units/Box
1H5-T3
R-1
5000/Tape & Reel
1H5-TB
R-1
5000/Tape & Box
1H5
R-1
1000 Units/Box
1H6-T3
R-1
5000/Tape & Reel
1H6-TB
R-1
5000/Tape & Box
1H6
R-1
1000 Units/Box
1H7-T3
R-1
5000/Tape & Reel
1H7-TB
R-1
5000/Tape & Box
1H7
R-1
1000 Units/Box
1H8-T3
R-1
5000/Tape & Reel
1H8-TB
R-1
5000/Tape & Box
1H8
R-1
1000 Units/Box
Products listed in bold are WTE Preferred devices.
!T3 suffix refers to a 13” reel. TB suffix refers to Ammo Pack.
Shipping quantity given is for minimum packing quantity only. For minimum order
quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
Wepoweryoureveryday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com