Electronic Components Datasheet Search
  English  ▼

X  

1H2 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # 1H2
Description  1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

1H2 Datasheet(HTML) 1 Page - Won-Top Electronics

  1H2 Datasheet HTML 1Page - Won-Top Electronics 1H2 Datasheet HTML 2Page - Won-Top Electronics 1H2 Datasheet HTML 3Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1H1 – 1H8
1 of 3
© 2002 Won-Top Electronics
1H1 – 1H8
1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.181grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
1H1
1H2
1H3
1H4
1H5
1H6
1H7
1H8
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
30
A
Forward Voltage
@IF = 1.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
50
75
nS
Typical Junction Capacitance (Note 3)
Cj
20
15
pF
Operating Temperature Range
Tj
-65 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
*Glass passivated forms are available upon request
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 1.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
R-1
Dim
Min
Max
A
20.0
—
B
2.00
3.50
C
0.53
0.64
D
2.20
2.60
All Dimensions in mm


Similar Part No. - 1H2

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1H2 RECTRON-1H2 Datasheet
27Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Dc Components
1H2 DCCOM-1H2 Datasheet
417Kb / 2P
TECHINCAL SPECIFICATIONS OF MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Formosa MS
1H2 FORMOSA-1H2 Datasheet
34Kb / 2P
1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Won-Top Electronics
1H2 WTE-1H2 Datasheet
50Kb / 4P
1.0A ULTRAFAST DIODE
logo
DAESAN ELECTRONIC CORP.
1H2 DAESAN-1H2 Datasheet
281Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Similar Description - 1H2

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
1A1 WTE-1A1 Datasheet
54Kb / 3P
1.0A MINIATURE SILICON RECTIFIER
HER101 WTE-HER101 Datasheet
47Kb / 3P
1.0A HIGH EFFICIENCY RECTIFIER
logo
Diodes Incorporated
HER101 DIODES-HER101 Datasheet
59Kb / 2P
1.0A HIGH EFFICIENCY RECTIFIER
DS25001 Rev. D-3
logo
SUNMATE electronic Co.,...
EGP10A SUNMATE-EGP10A Datasheet
146Kb / 2P
1.0A Axial Leaded High Efficiency Rectifier
MUR170 SUNMATE-MUR170 Datasheet
140Kb / 2P
1.0A Axial Leaded High Efficiency Rectifier
logo
Zibo Seno Electronic En...
MUR105 ZSELEC-MUR105 Datasheet
227Kb / 2P
1.0A HIGH EFFICIENCY RECTIFIER
1H1 ZSELEC-1H1 Datasheet
133Kb / 2P
1.0A MINIATURE HIGH EFFICIENCY RECTIFIER
HER101 ZSELEC-HER101 Datasheet
113Kb / 2P
1.0A HIGH EFFICIENCY RECTIFIER
UF4001 ZSELEC-UF4001 Datasheet
140Kb / 2P
1.0A HIGH EFFICIENCY RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1H1 KOOCHIN-1H1 Datasheet
370Kb / 2P
MINIATURE HIGH EFFICIENCY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com