Electronic Components Datasheet Search
  English  ▼

X  

DTC114EB Datasheet(PDF) 2 Page - Rohm

Part # DTC114EB
Description  100mA / 50V Digital transistors (with built-in resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC114EB Datasheet(HTML) 2 Page - Rohm

  DTC114EB Datasheet HTML 1Page - Rohm DTC114EB Datasheet HTML 2Page - Rohm DTC114EB Datasheet HTML 3Page - Rohm DTC114EB Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.08 - Rev.D
Data Sheet
DTC114EB / DTC114EM / DTC114EE / DTC114EUA / DTC114EKA
Packaging specifications
Equivalent circuit
TL
UMT3
EMT3
SMT3
DTC114EE
DTC114EM
DTC114EB
Part No.
DTC114EUA
3000
T2L
VMT3
8000
T2L
VMN3
8000
T106
3000
T146
3000
DTC114EKA
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
Package
Packaging type
Taping
Taping
Taping
Taping
Taping
Code
Basic ordering
unit (pieces)
Absolute maximum ratings (Ta=25
°C)
Limits
Parameter
Symbol
VCC
150
200
50
−10 to +40
50
100
150
−55 to +150
DTC114EE
DTC114EM
DTC114EB
DTC114EUA DTC114EKA
V
V
mA
mW
°C
°C
VIN
IO
IC(Max.)
PD
Tj
Tstg
Unit
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−
3
−
−
−
7
30
0.8
−
−
−
0.1
−
−
10
−
1
250
0.5
−
0.3
0.88
0.5
13
−
1.2
−
V
VCC
=5V, IO=100µA
VO
=0.3V, IO=10mA
IO/II
=10mA/0.5mA
VI
=5V
VCC
=50V, VI=0V
VO
=5V, IO=5mA
VCE
=10V, IE=−5mA, f=100MHz
∗
V
mA
µA
k
Ω
−
−−
−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Characteristics of built-in transistor
R1
R2
IN
GND
OUT
IN
R1=R2=10k
Ω
GND
OUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com