Electronic Components Datasheet Search
  English  ▼

X  

DTC114EB Datasheet(PDF) 1 Page - Rohm

Part # DTC114EB
Description  100mA / 50V Digital transistors (with built-in resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC114EB Datasheet(HTML) 1 Page - Rohm

  DTC114EB Datasheet HTML 1Page - Rohm DTC114EB Datasheet HTML 2Page - Rohm DTC114EB Datasheet HTML 3Page - Rohm DTC114EB Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.08 - Rev.D
100mA / 50V Digital transistors
(with built-in resistors)
DTC114EB / DTC114EM / DTC114EE / DTC114EUA / DTC114EKA
Applications
Inverter, Interface, Driver
Features
1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent
circuit).
2) The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have
the advantage of almost completely eliminating parasitic effects.
3) Only the on/off conditions need to be set for operation, making the device design easy.
Structure
NPN epitaxial planar silicon transistor (Resistor built-in type)
Dimensions (Unit : mm)
Abbreviated symbol : 24
Abbreviated symbol : 24
Abbreviated symbol : 24
Abbreviated symbol : 24
Abbreviated symbol : 24
DTC114EM
DTC114EE
Each lead has same dimensions
Each lead has same dimensions
Each lead has same dimensions
Each lead has same dimensions
Each lead has same dimensions
DTC114EUA
(1) IN
(2) GND
(3) OUT
ROHM : VMT3
(1) GND
(2) IN
(3) OUT
ROHM : EMT3
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
(1) GND
(2) IN
(3) OUT
ROHM : SMT3
EIAJ : SC-59
DTC114EKA
(1) GND
(2) IN
(3) OUT
ROHM : UMT3
EIAJ : SC-70
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
(1) IN
(2) GND
(3) OUT
ROHM : VMN3
DTC114EB
0.22
0.16
0.6
0.35
(1)
(2)
(3)
0.37
0.17


Similar Part No. - DTC114EB

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTC114EB3 CYSTEKEC-DTC114EB3 Datasheet
137Kb / 4P
NPN Digital Transistors (Built-in Resistors)
More results

Similar Description - DTC114EB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
-100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTC124GUA ROHM-DTC124GUA_09 Datasheet
142Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com