Electronic Components Datasheet Search
  English  ▼

X  

DTC124TM Datasheet(PDF) 2 Page - Rohm

Part # DTC124TM
Description  100mA / 50V Digital transistors (with built-in resistor)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC124TM Datasheet(HTML) 2 Page - Rohm

  DTC124TM Datasheet HTML 1Page - Rohm DTC124TM Datasheet HTML 2Page - Rohm DTC124TM Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.B
Data Sheet
DTC124TM / DTC124TE / DTC124TUA / DTC124TKA
Packaging specifications
TL
T2L
UMT3
EMT3
VMT3
SMT3
DTC124TE
DTC124TM
Part No.
DTC124TUA
3000
T106
3000
T146
3000
DTC124TKA
Package
Packaging type
Code
Basic ordering unit (pieces)
Taping Taping Taping Taping
8000
−
−
−
−
−
−
−
−
−
−
−
−
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCBO
50
50
5
100
150
200
150
−55 to +150
DTC124TE DTC124TUA DTC124TKA
V
V
V
mA
mW
°C
°C
VCEO
VEBO
IC
Pc
Tj
Tstg
Unit
Collector-base voltage
Emitter-base voltage
Collector-emitter voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
DTC124TM
Limits
Electrical characteristics (Ta=25
C)
Parameter
Symbol
BVCBO
VCE(sat)
V
V
V
V
BVCEO
BVEBO
ICBO
IEBO
hFE
R1
fT
Unit
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Input resistance
Transition frequency
Min.
Typ.
Max.
Conditions
50
50
5
−
−−
−
−
−
−
−
−
−
−
−
−
−
−−
100
15.4
250
22
250
0.5
0.5
0.3
600
28.6
μA
μA
k
Ω
MHZ
IC
=50μA
IC/IB
=5mA/0.5mA
IE
=50μA
VCB
=50V
VCE
=5V, IC=1mA
VCE
=10V, IE=−5mA, f=100MHZ
VEB
=4V
IC
=1mA
∗
∗ Characteristics of built-in transistor
Electrical characteristic curves
VCE=5V
100
μ 200μ 500μ 1m 2m
5m 10m 20m
50m 100m
1k
500
200
100
50
20
10
5
2
1
COLLECTOR CURRENT : IC(A)
Fig.1 DC current gain vs. collector
current
Ta=100˚C
25˚C
-40˚C
100
μ 200μ 500μ 1m 2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lC/lB=10
COLLECTOR CURRENT : IC(A)
Fig.2 Collector-emitter saturation
voltage vs. collector current
Ta=100˚C
25˚C
-40˚C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com