Electronic Components Datasheet Search
  English  ▼

X  

DTC124TM Datasheet(PDF) 1 Page - Rohm

Part # DTC124TM
Description  100mA / 50V Digital transistors (with built-in resistor)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC124TM Datasheet(HTML) 1 Page - Rohm

  DTC124TM Datasheet HTML 1Page - Rohm DTC124TM Datasheet HTML 2Page - Rohm DTC124TM Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.06 - Rev.B
100mA / 50V Digital transistors
(with built-in resistor)
DTC124TM / DTC124TE / DTC124TUA / DTC124TKA
Applications
Inverter, Interface, Driver
Features
1)Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see
equivalent circuit).
2)The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also
have the advantage of almost completely eliminating parasitic effects.
3)Only the on/off conditions need to be set for operation, making the device design easy.
Structure
NPN epitaxial planar silicon transistor (Resistor built-in type)
Dimensions (Unit : mm)
ROHM : VMT3
ROHM : EMT3
DTC124TM
DTC124TE
EIAJ : SC-75A
(1) Emitter
(2) Base
(3) Collector
ROHM : UMT3
EIAJ : SC-70
DTC124TUA
(1) Emitter
(2) Base
(3) Collector
ROHM : SMT3
EIAJ : SC-59
DTC124TKA
(1) Emitter
(2) Base
(3) Collector
Each lead has same dimensions
Each lead has same dimensions
Abbreviated symbol : 05
Abbreviated symbol : 05
Abbreviated symbol : 05
Abbreviated symbol : 05
(1) Base
(2) Emitter
(3) Collector
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
Inner circuit
R1
B
R1=22k
Ω
E
C
B : Base
C : Collector
E : Emitter


Similar Part No. - DTC124TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124TM ROHM-DTC124TM Datasheet
53Kb / 4P
Digital transistors (built-in resistor)
DTC124TM ROHM-DTC124TM Datasheet
1Mb / 8P
NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC124TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144TE ROHM-DTA144TE_09 Datasheet
144Kb / 3P
-100mA / -50V Digital transistors (with built-in resistor)
DTC114GUA ROHM-DTC114GUA_09 Datasheet
140Kb / 3P
100mA / 50V Digital transistors (with built-in resistor)
DTC125TUA ROHM-DTC125TUA_09 Datasheet
141Kb / 3P
100mA / 50V Digital transistor (with built-in resistor)
DTC144TE ROHM-DTC144TE_09 Datasheet
145Kb / 3P
100mA / 50V Digital transistors (with built-in resistor)
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143ZEBTL ROHM-DTC143ZEBTL Datasheet
566Kb / 11P
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114GUA ROHM-DTA114GUA_09 Datasheet
93Kb / 3P
-100mA / -50V Digital transistors (with built-in resistor)
DTC123J ROHM-DTC123J Datasheet
558Kb / 11P
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
566Kb / 11P
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143E ROHM-DTC143E Datasheet
567Kb / 11P
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com