Electronic Components Datasheet Search
  English  ▼

X  

DTC144EB Datasheet(PDF) 2 Page - Rohm

Part # DTC144EB
Description  100mA / 50V Digital transistors (with built-in resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC144EB Datasheet(HTML) 2 Page - Rohm

  DTC144EB Datasheet HTML 1Page - Rohm DTC144EB Datasheet HTML 2Page - Rohm DTC144EB Datasheet HTML 3Page - Rohm DTC144EB Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.03 - Rev.B
Data Sheet
DTC144EB / DTC144EM / DTC144EE / DTC144EUA / DTC144EKA
Packaging specifications
Equivalent circuit
TL
UMT3
EMT3
SMT3
DTC144EE
DTC144EM
Part No.
DTC144EUA
3000
T2L
VMT3
8000
T2L
VMN3
8000
T106
3000
T146
3000
DTC144EKA
DTC144EB
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
Package
Packaging type
Taping
Taping
Taping
Taping
Taping
Code
Basic ordering
unit (pieces)
Absolute maximum ratings (Ta=25
°C)
Limits
Parameter
Symbol
150
200
50
−10 to +40
−55 to +150
30
100
150
DTC144EE
DTC144EM
DTC144EUA DTC144EKA
DTC144EB
V
V
mA
mW
°C
°C
VIN
IO
IC(Max.)
PD
Tj
Tstg
Unit
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
VCC
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−
3
−
−
−
32.9
68
0.8
−
−
−
0.1
−
−
47
−
1
250
0.5
−
0.3
0.18
0.5
61.1
−
1.2
−
V
VCC
=5V, IO=100µA
VO
=0.3V, IO=2mA
IO/II
=10mA/0.5mA
VI
=5V
VCC
=50V, VI=0V
VO
=5V, IO=5mA
VCE
=10V, IE= −5mA, f=100MHz
∗
V
mA
µA
k
Ω
−
−−
−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Characteristics of built-in transistor
Electrical characteristic curves
VO
=0.3V
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
OUTPUT CURRENT : IO
(A)
Fig.1 Input voltage vs. output current
(ON characteristics)
25
°C
100
°C
Ta
= −40°C
VCC
=5V
0.5
1.0
1.5
2.0
2.5
3.0
0
10m
5m
2m
1m
500
µ
200
µ
100
µ
50
µ
20
µ
10
µ
5
µ
1
µ
2
µ
INPUT VOLTAGE : VI(off)
(V)
Ta
=100°C
25
°C
−40°C
Fig.2 Output current vs. input voltage
(OFF characteristics)
R1
R2
IN
R1=R2=47k
Ω
GND
OUT
IN
GND
OUT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com