Electronic Components Datasheet Search
  English  ▼

X  

DTC144EB Datasheet(PDF) 1 Page - Rohm

Part # DTC144EB
Description  100mA / 50V Digital transistors (with built-in resistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC144EB Datasheet(HTML) 1 Page - Rohm

  DTC144EB Datasheet HTML 1Page - Rohm DTC144EB Datasheet HTML 2Page - Rohm DTC144EB Datasheet HTML 3Page - Rohm DTC144EB Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.03 - Rev.B
100mA / 50V Digital transistors
(with built-in resistors)
DTC144EB / DTC144EM / DTC144EE / DTC144EUA / DTC144EKA
Applications
Inverter, Interface, Driver
Features
1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors
(see equivalent circuit).
2) The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have
the advantage of almost completely eliminating parasitic effects.
3) Only the on/off conditions need to be set for operation, making the device design easy.
Structure
NPN epitaxial planar silicon transistor (Resistor built-in type)
Dimensions (Unit : mm)
ROHM : VMT3
DTC144EM
(1) IN
(2) GND
(3) OUT
Abbreviated symbol : 26
Abbreviated symbol : 26
(1) GND
(2) IN
(3) OUT
ROHM : EMT3
DTC144EE
Abbreviated symbol : 26
(3)
0.32
0.8
1.2
0.13
0.5
0.22
0.4 0.4
(2)
(1)
1.6
0.7
0.15
0.55
0.2
1.0
0.3
(2)
0.5
0.5
(3)
0.2
(1)
(1) GND
(2) IN
(3) OUT
ROHM : UMT3
EIAJ : SC-70
DTC144EUA
Abbreviated symbol : 26
Each lead has same dimensions
Each lead has same dimensions
(1) GND
(2) IN
(3) OUT
ROHM : SMT3
EIAJ : SC-59
DTC144EKA
Abbreviated symbol : 26
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
(1) IN
(2) GND
(3) OUT
ROHM : VMN3
DTC144EB
0.22
0.16
0.6
0.35
(1)
(2)
(3)
0.37
0.17


Similar Part No. - DTC144EB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC144E ONSEMI-DTC144E Datasheet
151Kb / 12P
NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTC144E ROHM-DTC144E Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
DTC144E ROHM-DTC144E Datasheet
878Kb / 3P
DTA/DTC SERIES
logo
Unisonic Technologies
DTC144E UTC-DTC144E Datasheet
47Kb / 3P
NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
DTC144E UTC-DTC144E Datasheet
156Kb / 3P
NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
More results

Similar Description - DTC144EB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143ZM ROHM-DTA143ZM Datasheet
86Kb / 4P
-100mA / -50V Digital transistors (with built-in resistors)
DTC143TEB ROHM-DTC143TEB Datasheet
105Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTA123EE ROHM-DTA123EE_09 Datasheet
165Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTA123YE ROHM-DTA123YE_09 Datasheet
147Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTA124TE ROHM-DTA124TE_09 Datasheet
145Kb / 3P
-100mA / -50V Digital transistors (with built-in resistors)
DTC114EE ROHM-DTC114EE_09 Datasheet
167Kb / 4P
100mA / 50V Digital transistors (with built-in resistors)
DTC114YE ROHM-DTC114YE_09 Datasheet
146Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
DTA043EM ROHM-DTA043EM Datasheet
332Kb / 3P
100mA/-50V Digital transistors(with built-in resistors)
DTC044EM ROHM-DTC044EM Datasheet
308Kb / 3P
100mA/50V Digital transistors(with built-in resistors)
DTC144GE ROHM-DTC144GE_11 Datasheet
154Kb / 3P
100mA / 50V Digital transistors(with built-in resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com