Electronic Components Datasheet Search
  English  ▼

X  

BC859 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BC859
Description  SOT-23 Silicon Planar Epitaxial Transistors TRANSISTORS(PNP)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC859 Datasheet(HTML) 2 Page - Rectron Semiconductor

  BC859 Datasheet HTML 1Page - Rectron Semiconductor BC859 Datasheet HTML 2Page - Rectron Semiconductor BC859 Datasheet HTML 3Page - Rectron Semiconductor BC859 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CHARACTERISTICS
SYMBOL
UNITS
30
30
5
mA
200
200
mA
mA
mA
V
V
V
mW
oC
oC
Collector–emitter voltage (+VBE= 1 V)
-VCBO
-ICBO
-ICBO
-VBE
-VBE
-VCEsat
-VCEsat
-VBEsat
-VBEsat
-VCEX
-VEBO
IEM
-IBM
-IC
-ICM
Ptot
Tstg
TJ
MAX
-
-
30
V
-VCEO
-
-
-
-
-
MIN
-
100
-
-
150
250
200
RATINGS (at TA = 25°C unless otherwise specified)
Limiting values
Collector–base voltage (open emitter)
Collector–emitter voltage (open base)
Emitter–base voltage (open collector)
Collector current (d.c.)
Collector current (peak value)
Emitter current (peak value)
Base current (peak value)
Total power dissipation up to Tamb = 60 °C**
Storage temperature
-55 to +150
Junction temperature
THERMAL CHARACTERISTICS
Tj= Px(Rth j–t+ Rh t–s+ Rth s–a) + Tamb
Thermal resistance
From junction to tab
Rth j–t
60
K/W
From tab to soldering points
Rth t–s
280
K/W
From soldering points to ambient**
Rth s–a
90
K/W
CHARACTERISTICSTj = 25 °C unless otherwise specified
Collector cut–off current
IE= 0; -VCB = 30V; Tj= 25°C
typ. 1
typ. 650
typ. 75
typ. 250
typ. 700
typ. 850
typ. 4.5
< 300
< 650
< 15
< 820
nA
nA
< 4
mA
mV
mV
mV
mV
mV
mV
mV
mV
mV
Base–emitter voltage
-IC= 2 mA; -VCE = 5 V
-IC= 10 mA; -VCE = 5 V
600 to 750
Saturation voltages
-IC= 10 mA; -IB = 0,5 mA
-IC= 100 mA; -IB = 5 mA
-IE = Ie= 0 ; -VCB = 10 V
Collector capacitance at f = 1 MHz
IE = Ie = 0; –VCB = 10 V
Cc
c
typ.
4,5
pF
F
Tj= 150°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com