Electronic Components Datasheet Search
  English  ▼

X  

BC859 Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # BC859
Description  SOT-23 Silicon Planar Epitaxial Transistors TRANSISTORS(PNP)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BC859 Datasheet(HTML) 3 Page - Rectron Semiconductor

  BC859 Datasheet HTML 1Page - Rectron Semiconductor BC859 Datasheet HTML 2Page - Rectron Semiconductor BC859 Datasheet HTML 3Page - Rectron Semiconductor BC859 Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
fT
hfe
hFE
hFE
hFE
hFE
F
F
-IC = 10 mA ; -VCE = 5 V
> 100
125 to 800
< 4
< 4
typ. 1.2
typ. 1
MHz
dB
dB
dB
dB
-IC= 2 mA; -VCE = 5 V
-IC= 200 µA; -VCE = 5 V
-IC= 2 mA; -VCE = 5 mA ; total range
Transition frequency at f = 100 MHz
Small–signal current gain at f = 1 kHz
Noise figure at RS= 2 kΩ
f = 30 Hz to 15 kHz
f = 1 kHz; B = 200 Hz
D.C. current gain
125 to 800
A selections
125 to 250
B selections
220 to 475
C selections
420 to 800
CHARACTERISTICS (Tj = 25 °C unless otherwise specified)
CHARACTERISTICS
SYMBOL
UNITS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com