Electronic Components Datasheet Search
  English  ▼

X  

EMT18 Datasheet(PDF) 3 Page - Rohm

Part # EMT18
Description  General purpose transistors (dual transistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMT18 Datasheet(HTML) 3 Page - Rohm

  EMT18 Datasheet HTML 1Page - Rohm EMT18 Datasheet HTML 2Page - Rohm EMT18 Datasheet HTML 3Page - Rohm EMT18 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMT18 / UMT18N / IMT18
Transistors
Rev.B
3/3
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
Ta
=25°C
IC / IB
=50
IC / IB
=20
IC / IB
=10
Fig.4 Collector-Emitter Saturation
Voltage vs.
Collector Current (
ΙΙ)
10
20
50
100
200
500
1000
2000
5000
10000
1
2
5
10 20
50 100 200
500 1000
COLLECTOR CURRENT : IC (mA)
IC / IB
=20
Ta
=125°C
Ta
=25°C
Ta
= −40°C
Fig.5 Base-Emitter Saturation
Voltage vs.Collecter Current
1
2
5
10
20
50
100
200
500
1000
1
2
5
10 20
50 100 200
500 1000
EMITTER CURRENT : IC (mA)
VCE
=2V
Ta
=25°C
Fig.6 Gain Bandwidth Product vs.
Emitter Current
1
2
5
10
20
50
100
200
500
1000
0.1 0.2
0.5
1
2
5
10 20
50 100
EMITTER TO BASE VOLTAGE : VEB (V)
IE
=0A
f
=1MHz
Ta
=25°C
Cib
Cob
Fig.7 Collector Output Capacitance vs.
Collector-Base Voltage
Emitter Input Capacitance vs.
Emitter-Base Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com