Electronic Components Datasheet Search
  English  ▼

X  

EMT18 Datasheet(PDF) 1 Page - Rohm

Part # EMT18
Description  General purpose transistors (dual transistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMT18 Datasheet(HTML) 1 Page - Rohm

  EMT18 Datasheet HTML 1Page - Rohm EMT18 Datasheet HTML 2Page - Rohm EMT18 Datasheet HTML 3Page - Rohm EMT18 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMT18 / UMT18N / IMT18
Transistors
Rev.B
1/3
General purpose transistors
(dual transistors)
EMT18 / UMT18N / IMT18
Features
1) Two 2SA2018 chips in a EMT package.
2) Mounting possible with EMT3 or UMT3 or SMT3
automatic mounting machines.
3) Transistor elements are independent, eliminating
interference.
Structure
Epitaxial planar type
NPN silicon transistor
The following characteristics apply to both Tr1 and Tr2.
Equivalent circuit
(3)
(4)
(2)
(5)
(1)
(6)
Tr2
Tr2
Tr1
Tr1
EMT18 / UMT18N
(4)
(3)
(5)
(2)
(6)
(1)
IMT18
Dimensions (Unit : mm)
ROHM : EMT6
Each lead has same dimensions
Abbreviated symbol : T18
EMT18
ROHM : SMT6
EIAJ : SC-74
JEDEC : SOT-457
Each lead has same dimensions
Abbreviated symbol : T18
IMT18
ROHM : UMT6
EIAJ : SC-88
Each lead has same dimensions
Abbreviated symbol : T18
UMT18N
Absolute maximum ratings (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Power dissipation
Storage temperature
Emitter-base voltage
Collector current
Junction temperature
∗1 Single pulse PW=1ms
∗2 120mW per element must not be exceeded.
∗3 200mW per element must not be exceeded.
Parameter
Symbol
VCBO
VCEO
PC
Tstg
Limits
−15
−12
150 (TOTAL)
−55 to +150
Unit
V
V
mW
°C
°C
VEBO
IC
−6
−500
∗1
∗3
∗2
V
mA
ICP
1.0
A
Tj
150
SMT6 300 (TOTAL)
EMT6
UMT6


Similar Part No. - EMT18

ManufacturerPart #DatasheetDescription
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
General purpose transistors (dual transistors)
EMT18 ROHM-EMT18 Datasheet
716Kb / 4P
General purpose transistors(dual transistors)
logo
Jiangsu Changjiang Elec...
EMT18 JIANGSU-EMT18 Datasheet
3Mb / 3P
DUAL TRANSISTOR(PN PPNP)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
General purpose transistors(dual transistors)
More results

Similar Description - EMT18

ManufacturerPart #DatasheetDescription
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
General purpose transistors (dual transistors)
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
General purpose transistors (dual transistors)
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
General purpose transistors (dual transistors)
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
General purpose transistors (dual transistors)
logo
Rohm
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
General purpose transistors(dual transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com