Electronic Components Datasheet Search
  English  ▼

X  

D44H Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # D44H
Description  10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 60,80 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

D44H Datasheet(HTML) 1 Page - Rectron Semiconductor

  D44H Datasheet HTML 1Page - Rectron Semiconductor D44H Datasheet HTML 2Page - Rectron Semiconductor D44H Datasheet HTML 3Page - Rectron Semiconductor D44H Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
* Low Collector-Emitter Saturation Voltage
* Fast Switching Speeds
* Complementary Pairs Simplifies Designs
VCE(sat) = 1.0 V (max.) @8.0A
* ...for general purpose power amplification and switching
such as output or driver stages in applications such as
switching regulators, converter and power ampifiers.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
10 AMPERES COMPLEMENTARY
SILICON POWER TRANSISTORS 60,80 VOLTS
VD 2007-11
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Collector-Emitter voltage
Emitter-Base voltage
Collector current-Continutious
-Peak (Note 1)
Collector Power dissipation @TC=25OC
@TA=25OC
SYMBOL
RqJA
TJ, Tstg
Pd
VCEO
VEB
D44H or D45H
UNITS
75
60
8
10, 11
80
A
V
V
5
Operating and Storage Junction Temperature Range
Notes: 1. Pulse Width < 6.0mS, Duty Cycle < 50%
2. "Fully RoHS Compliant", "100% Sn Plating (Pb-free)".
Thermal Resistance
IC
W
10
20
5.0
1.67
-55 to +150
oC/W
RqJC
2.5
oC
TL
Lead Temperature for Soldering Purposes:
1/8" from case for 5 sec.
260
oC
TO-220AB
Dimensions in inches and (millimeters)
.147 (3.73)
.405 (10.28)
.120 (3.04)
.100 (2.54)
.155 (3.93)
.110 (2.80)
1
2
3
1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
4
.060 (1.52)
.045 (1.15)
.380 (9.66)
.160 (4.07)
.055 (1.39)
.045 (1.15)
.620 (15.75)
.562 (14.27)
.210 (5.33)
.190 (4.83)
.570 (14.48)
.255 (6.47)
.235 (5.97)
.050 (1.27)
.000 (0.00)
.110 (2.79)
.080 (2.04)
.500 (12.70)
.045 (1.15)
min.
.025 (0.64)
.018 (0.46)
.190 (4.82)
.142 (3.61)
.035 (0.88)
.025 (0.64)
.105 (2.66)
.095 (2.42)
NPN
D44H SERIES
PNP
D45H SERIES


Similar Part No. - D44H

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
D44H MOSPEC-D44H Datasheet
157Kb / 3P
POWER TRANSISTORS(10A,30-80V,50W)
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
103Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
November, 2014 ??Rev. 13
logo
Boca Semiconductor Corp...
D44H BOCA-D44H Datasheet
163Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
68Kb / 5P
Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
Inchange Semiconductor ...
D44H ISC-D44H Datasheet
123Kb / 3P
isc Silicon NPN Power Transistors
More results

Similar Description - D44H

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE15032 MOTOROLA-MJE15032 Datasheet
141Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS 50 WATTS
MJF3055 MOTOROLA-MJF3055 Datasheet
156Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B Datasheet
105Kb / 6P
DARLINGTONS 10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 8
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
MJL3281A ONSEMI-MJL3281A_05 Datasheet
67Kb / 5P
15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
MJL4281A ONSEMI-MJL4281A_06 Datasheet
64Kb / 5P
15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 350 VOLTS, 230 WATTS
January, 2006 ??Rev. 2
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJW21195 ONSEMI-MJW21195_06 Datasheet
75Kb / 7P
16 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com