Electronic Components Datasheet Search
  English  ▼

X  

D44H Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # D44H
Description  10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 60,80 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

D44H Datasheet(HTML) 2 Page - Rectron Semiconductor

  D44H Datasheet HTML 1Page - Rectron Semiconductor D44H Datasheet HTML 2Page - Rectron Semiconductor D44H Datasheet HTML 3Page - Rectron Semiconductor D44H Datasheet HTML 4Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VD 2007-11
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Collector-emitter saturation voltage (IC= 8.0Adc,IB= 0.4Adc)
(IC= 8.0Adc,IB= 0.8Adc)
DC current gain (VCE= 1.0V,IC= 2.0Adc)
D44H10,D45H10
D44H8,11 D45H8,11
DC current gain (VCE= 1.0V,IC= 4.0Adc)
CHARACTERISTICS
SYMBOL
UNITS
100
-
uA
uA
Emitter cutoff current (VEB= 5Vdc)
Collector cutoff current (VCE= Rated VCEO,VBE= 0)
IEBO
hFE
VCE(sat)
ICES
MAX
-
35
60
MIN
-
10
-
1.0
-
-
-
V
Base-emitter saturation voltage (IC= 8.0Adc,IB= 0.8Adc)
VBE(sat)
-
1.5
V
D44H10,D45H10
D44H8,11 D45H8,11
D44H/D45H8,11
D44H/D45H10
-
hFE
20
40
-
-
-
-
TYP
-
-
-
1.0
V
-
Collector Capacitance (VCB= 10V, ftest= 1.0 MHz)
pF
Ccb
-
-
130
pF
-
-
230
-
-
-
-
-
D44H Series
D45H Series
Gain Bandwidth Product (IC= 0.5Adc, VCE= 10Vdc, f=20 MHz)
MHz
fT
-
-
50
MHz
-
-
40
D44H Series
D45H Series
Delay and Rise Times (IC= 5.0Adc, IB1= 0.5Adc)
nS
td + tr
-
-
300
nS
-
-
135
D44H Series
D45H Series
Storage Time (IC= 5.0Adc, IB1=IB2= 0.5Adc)
nS
ts
-
-
500
nS
-
-
500
D44H Series
D45H Series
Fall Time (IC= 5.0Adc, IB1=IB2= 0.5Adc)
nS
tf
-
-
140
nS
-
-
100
D44H Series
D45H Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com