Electronic Components Datasheet Search
  English  ▼

X  

DTC143XKA Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # DTC143XKA
Description  SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DTC143XKA Datasheet(HTML) 1 Page - Rectron Semiconductor

  DTC143XKA Datasheet HTML 1Page - Rectron Semiconductor DTC143XKA Datasheet HTML 2Page - Rectron Semiconductor DTC143XKA Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
* Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistors.(see equi-
valent circuit)
* Only the on/off conditions need to be set for operation mark-
ing device design easy.
* The bias resistors consist of thin-film resistors with co-
mplete isolation to allow negative biasing of the input.
They also have the advantage of almost completely El-
iminating parasitic effects.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.009 gram
SOT-23-3L
DTC143XKA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified.
SOT-23-3L DIGITAL TRANSISTORS
TRANSISTOR (NPN)
2006-3
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted )
Output current (VCC= 50V,VI=0)
DC current gain (VO= 5V,IO= 10mA)
Input current
(VI= 5V)
Resitance ratio
Transistion frequency (VO= 10V,IO= 5mA,f=100MHz)
Input resistance
CHARACTERISTICS
SYMBOL
UNITS
0.3
-
0.3
0.5
-
mA
mA
V
V
V
MHz
Input voltage
(VCC= 5V,IO=100uA)
(VO= 0.3V,IO=20mA)
Output voltage
(IO/II=10mA/0.5mA)
MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted )
RATINGS
Supply Voltage
Input Voltage
Output Current
Power dissipation
SYMBOL
VCC
VIN
IO
Pd
VI(off)
VI(on)
VO(on)
IO(off)
GI
II
R2/R1
fT
R1
VALUE
MAX.
-
-
0.1
-
-
250
TYP.
-
2.5
-
-
30
MIN.
UNITS
50
-7~+20
100
mW
V
V
IC(MAX)
100
mA
200
Junction temperature
Storage Temperature
TJ
TSTG
150
-55 to +150
oC
oC
(2)
(1)
(3)
(1) IN
(2) GND
(3) OUT
-
-
1.8
1.7
-
-
2.1
2.6
3.29
4.7
6.11
KW
NOTE: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
0.116(2.95)
f .028 (0.70)
.067 (1.70)
.059 (1.50)
.049(1.25)
R.002
(.05)
.041(1.05)
.004(0.10)
.000(0.00)
0.104(2.65)
(1)
(2)
(3)


Similar Part No. - DTC143XKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143XKA ROHM-DTC143XKA Datasheet
89Kb / 4P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143XKA SECOS-DTC143XKA Datasheet
200Kb / 2P
NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC143XKA ROHM-DTC143XKA Datasheet
148Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTC143XKA TGS-DTC143XKA Datasheet
213Kb / 2P
Digital transistors (built-in resistors)
logo
Rohm
DTC143XKA ROHM-DTC143XKA Datasheet
1Mb / 11P
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTC143XKA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTC114EKA RECTRON-DTC114EKA Datasheet
444Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114TKA RECTRON-DTC114TKA Datasheet
348Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114WKA RECTRON-DTC114WKA Datasheet
339Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC114YKA RECTRON-DTC114YKA Datasheet
353Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC123JKA RECTRON-DTC123JKA Datasheet
353Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC123YKA RECTRON-DTC123YKA Datasheet
353Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC124EKA RECTRON-DTC124EKA Datasheet
353Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143EKA RECTRON-DTC143EKA Datasheet
353Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC143TKA RECTRON-DTC143TKA Datasheet
351Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
DTC144EKA RECTRON-DTC144EKA Datasheet
376Kb / 3P
SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com